PART |
Description |
Maker |
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74HC04 MC74HC04A MC74HC04AD MC74HC04ADR2 MC74HC0 |
Hex Inverter Hex Inverter High-Performance Silicon-Gate CMOS CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
ONSEMI[ON Semiconductor]
|
M74HC14 M74HC14B1 M74HC14RM13TR M74HC14TTR M74HC14 |
HEX SCHMITT INVERTER HEX SCHMITT INVERTER Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
HCF4502M013TR HCF4502B02 HCF4502 HCF4502BM1 |
4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDSO16 STROBED HEX INVERTER/BUFFER STROBED HEX INVERTER/BUFFER
|
STMicroelectronics ST Microelectronics
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
74ACTQ04 74ACTQ04PC 74ACTQ04SC 74ACTQ04SJ |
Quiet Series⑩ Hex Inverter Quiet Series Hex Inverter
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX14-D MC74LCX14M MC74LCX14MEL |
Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Rectron Semiconductor
|
MC14069UBCL MC14069UBCP MC14069UB MC14069UBD 4069U |
CERAMIC CHIP/MIL-PRF-55681 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 ORDERING INFORMATION Hex Inverter
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
74AHCU04 74AHCU04BQ 74AHCU04D 74AHCU04BQ115 |
Hex inverter; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" AHC/VHC/H/U/V SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
HEF4069UBTT118 |
Hex inverter; Package: SOT402-1 (TSSOP14); Container: Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
NXP Semiconductors N.V.
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|