PART |
Description |
Maker |
AEH40F48 AEH40F48N AEH40K48 AEH40K48N |
AEH40Series 132 Watts / 48 Watts DC-DC Converter DC-DC / Industry Standard Isolated Half Brick
|
Emerson Network Power Astec America, Inc
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
FDC40 FDC40-24S05 FDC40-24S12 FDC40-48S33 FDC40-48 |
40 WATTS DC-DC CONVERTER
|
List of Unclassifed Man... List of Unclassifed Manufac... ETC[ETC] List of Unclassifed Manufacturers
|
FEC40-12D12 FEC40-48S1P5 FEC40-12D3305 |
40 WATTS DC-DC CONVERTER
|
Power Mate Technology C...
|
LCD10-24D05W |
10 WATTS DC-DC CONVERTER
|
RSG Electronic Componen...
|
FDC10-12D12 FDC10-12D05 FDC10-12S05 |
10 WATTS DC-DC CONVERTER
|
Power Mate Technology Co., LTD Power Mate Technology C...
|
DU1P0-05S12 DU1P0-05S05 DU1P0-05D15 DU1P0-05D12 DU |
1 WATTS DC-DC CONVERTER
|
Power Mate Technology C...
|
HL02R05S05 HL02R24S05 HL02R05D15 HL02R05D12 HL02R1 |
2 WATT REGULATED DC/DC CONVERTER 2瓦特稳压DC / DC变换 2 Watts Regulated DC/DC Converter
|
CANDD[C&D Technologies]
|
VKC03-48S15 VKC03-24D05 VKC03-24D12 VKC03-24D15 VK |
3 WATTS DC-DC CONVERTER 3瓦的DC - DC转换
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Power Mate Technology
|
PQ24150QGA07NYS PQ24150QGA07PKS PQ24150QGA07PNS PQ |
100 Watts, No Heatsink, Isolated DC/DC Converter
|
http:// SynQor Worldwide Headquarters
|
CUP45-13 CUP45-10 CUP45-12 CUP45-13-1 CUP45-13-2 C |
12 bit 6MSPS A/D converter AC/DC External Desktop 45 Watts 12-Bit 6MSPS A/D CONVERTER 126MSPS的A / D转换
|
List of Unclassifed Manufacturers ETC[ETC] AIMTRON[Aimtron Technology] Aimtron Technology Corp.
|
HDU200 HDU200-B-T033EK HDU200-B-T033EM HDU200-B-T0 |
DC-DC CONVERTER 19?COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES DC-DC CONVERTER 19隆卤 COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES DC-DC CONVERTER 19 COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
|
HITRON ELECTRONICS CORP... HITRON ELECTRONICS CORPORTION
|