PART |
Description |
Maker |
NU-73B94B-PG NU-73B94B-P-AG |
3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - TG.984.2 BG - PON的ONU的收发器 3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - T的G.984.2 B级G - PON的ONU的收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
NU-73C94C-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - TG.984.2 CG - PON的ONU的收发器
|
Optoway Technology Inc.
|
0351510210 SD-35151-0210 |
6.20mm (.244") Pitch Wire-to-Wire VersaBlade??/a> 6.20mm (.244) Pitch Wire-to-Wire VersaBlade?/a>
|
Molex Electronics Ltd.
|
EH2645ETTS-28.244M |
OSCILLATORS 50PPM -40 85 3.3V 4 28.244MHZ TS HCMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 28.244 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
0879180001 |
0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 244 Circuits, Lead-free
|
Molex Electronics Ltd.
|
0022288350 22-28-8350 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 35 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244) 2.54mm (.100") Pitch KK垄莽 Header, Breakaway, Right Angle Surface Mount Compatible, 35 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244")
|
Molex Electronics Ltd.
|
SD-35150-0410 |
6.20mm (.244") Pitch Wire-to-Wire VersaBlade垄芒 Hybrid Plug Housing
|
Molex Electronics Ltd.
|
0351500290 35150-0290 |
1.78mm (.070) Tab Wire-to-Wire TPA? 6.20mm (.244) Pitch, 2 Circuits, White MOLEX Connector
|
Molex Electronics Ltd.
|
0022289190 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle Surface Mount Compatible, 19 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244"), with Kinked P
|
Molex Electronics Ltd.
|
0022288242 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle Surface Mount Compatible, 24 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244)
|
Molex Electronics Ltd.
|
|