PART |
Description |
Maker |
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
MV5364X HLMP-1523 MV5464X_HLMP-15X3 HLMP1301 MV536 |
Yellow T-1 Solid State Lamp High Efficiency Red T-1 Solid State Lamp High Efficiency Green T-1 Solid State Lamp High Efficiency Red Diffused T-100 Solid State Lamp High Efficiency Green Diffused T-100 Solid State Lamp Yellow Diffused T-100 Solid State Lamp Standard Red T-1 Solid State Lamp GENERAL PURPOSE VISIBLE DOME-STYLE SERVSWITCH DVI KVM CABLE W/ QUAD HEAD VIDEO 6FT. DIFFUSED T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HLMP-3750-L0001 HLMP-3750-L00B1 HLMP-3850-KLB00 HL |
Half pitch interface connectors (HRS unique); HRS No: 230-1553-3 00; Contact Mating Area Plating: Gold 的T 1毫米),高强度LED T-1 3/4 (5 mm). Ultra-Bright LED Lamp 的T 1 3 / 4毫米)。超高亮LED T-1 3/4 (5 mm). Ultra-Bright LED Lamp 的T 1 3 / 45毫米)。超高亮LED T-1 3/4 (5mm). Ultra Bright LED Lamp 的T 1 3 / 4mm)的。超高亮度发光二极管 T-1 (3mm) Ultra-Bright LED Lamp 的T 1毫米)超亮LED
|
Avago Technologies, Ltd. TE Connectivity, Ltd.
|
L-314LGC L-314SRD L-314LPGC L-314LBC L-314YD L-314 |
3.0 mm dia LED lamp, green 3.0 mm dia LED lamp, super red 3.0 mm dia LED lamp,real green 3.0 mm dia LED lamp,blue 3.0 mm dia LED lamp,yellow 3.0 mm dia LED lamp,blue green
|
PARA Light
|
LT6850 LT6750 |
Solid State Lamp (LED Lamp Cluster)
|
SHARP
|
BL-XY0361 BL-XA1361 BL-XGD361 BL-XKB361 BL-XKD361 |
Yellow, 30 mA, axial LED lamp Amber, 30 mA, axial LED lamp Super yellow green, 30 mA, axial LED lamp Super yellow, 30 mA, axial LED lamp Super red, 30 mA, axial LED lamp Super orange red, 30 mA, axial LED lamp Pure green, 30 mA, axial LED lamp Bluish green, 30 mA, axial LED lamp Super amber, 30 mA, axial LED lamp
|
Yellow Stone Corp
|
QTLP610C QTLP610C-2 QTLP610C-3 QTLP610C-4 QTLP610C |
Yellow Surface Mount LED Lamp - Standard Bright Right Angle AlGaAs Red Surface Mount LED Lamp - Standard Bright Right Angle Green Surface Mount LED Lamp - Standard Bright Right Angle HER Surface Mount LED Lamp - Standard Bright Right Angle Cree 430nm Blue Surface Mount LED Lamp - Standard Bright Right Angle SURFACE MOUNT LED LAMP STANDARD BRIGHT RIGHT ANGLE CABLE ASSEMBLY; SMA MALE TO N MALE; 50 OHM, RG188/U COAX; 12" CABLE LENGTH SINGLE COLOR LED, BLUE, 2 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BL-HG633 BL-HA133 BL-HS133 BL-HW133 BL-HY033 BL-HD |
Green, 30 mA, surface mount chip LED lamp Amber , 30 mA, surface mount chip LED lamp Super red, 30 mA, surface mount chip LED lamp Pure green, 30 mA, surface mount chip LED lamp Yellow , 30 mA, surface mount chip LED lamp Bluish green, 30 mA, surface mount chip LED lamp
|
Yellow Stone Corp
|
BL-B1134N BL-B1134N-1 BL-B2134N BL-B2134N-1 BL-B24 |
Red, standard LED lamp (round type) Green, standard LED lamp (round type) Yellow, standard LED lamp (round type) Hi-eff red, standard LED lamp (round type) Bright red, standard LED lamp (round type) Orange, standard LED lamp (round type)
|
Yellow Stone Corp
|
174-14 173-14 179-14 169-14 |
Midget flanged base lens-end lamp. 5.00V, 0.170A, 880Lux. Midget flanged base lens-end lamp. 3.50V, 0.600A, 12000Lux. Midget flanged base lens-end lamp. 3.50V, 0.750A, 13000Lux. Midget flanged base lens-end lamp. 2.50V, 0.340A, 1000Lux.
|
Gilway Technical Lamp
|
QTLP614CRGB QTLP614C-RGB QTLP614CRGBTR |
RGB LED Lamp - Super Bright Right Angle SURFACE MOUNT LED LAMP COMPACT RIGHT ANGLE FULL COLOR MOLDED DB25 CABLE MALE TO
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|