PART |
Description |
Maker |
Q48VDB12003PRMNFA Q48DB12003NRFA Q48VDB12003NKFA Q |
Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, ±12V, 2.7A Output Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 【12V, 2.7A Output
|
DELTA[Delta Electronics, Inc.]
|
HPR1XX HPR100 HPR101 HPR102 HPR103 HPR104 HPR105 H |
DC/DC converter, input 15V, output 12V DC/DC converter, input 24V, output /-12V MINIATURE SIP, DIP AND SMD PACKAGES DC/DC converter, input 24V, output /-15V DC/DC converter, input 12V, output /-5V
|
CANDD[C&D Technologies]
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|
LT1213 |
28MHz, 12V/μs, Single Supply Dual Precision Op Amps(28MHz, 12V/μs, 单电源,双路精密运算放大
|
Linear Technology Corporation
|
SRDB-07A150 SRDB-07A180 SRDB-07A500 SRDB-07A300 SR |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 1-OUTPUT 17.5 W DC-DC REG PWR SUPPLY MODULE
|
BEL[Bel Fuse Inc.] Bel Fuse, Inc.
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
BR68 BR62 BR60 BR605 BR61 BR610 BR64 BR66 |
ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 12V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE-PHASE SILICON BRIDGE 单相硅桥
|
GOOD-ARK[GOOD-ARK Electronics] Rectron Semiconductor
|
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
4312U 4414FM 4312L |
LUEFTER DC PUR VERGUSS 12V Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 19MM 24Vdc LUEFTER DC 119 SUPER LOW NOISE 12V
|
|
RF1K49090 RF1K4909096 |
3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET?Power MOSFET 3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET Power MOSFET 3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET PowerMOSFET 3.5A 12V 0.050 Ohm Logic Level Dual N-Channel LittleFET Power MOSFET 3.5A, 12V, 0.050 OHM, LOGIC LEVEL, DUAL N-CHANNEL LITTLEFET⒙ POWER MOSFET 3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFETPower MOSFET 3.5 A, 12 V, 0.05 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
UT63M105PCA UT63M105PCA5 UT63M105PCC UT63M105PCC5 |
UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -12V, idle low. QML V. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-V. -12V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML V. Lead finish gold. UT63M dual multichip monolithic transceiver. QML-Q. -15V, idle low. Lead finish gold. Versatile Miniature Switch, High Performance 符合MIL - STD - 1553A /乙总线收发 5 V Upstream Cable Line Driver; Package: LFCSP (4x4mm); No of Pins: 20; Temperature Range: Industrial 符合MIL - STD - 1553A /乙总线收发 Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial Dual Precision, Low Cost, High Speed, BiFET Op Amp; Package: SOIC; No of Pins: 8; Temperature Range: Commercial High-Power Synchronous HB LED Drivers with Rapid Current Pulsing 40 MBd five channel digital isolator isolated power for Fieldbus, Microcontroller/peripheral interface and data transmission; Package: PDIP; No of Pins: 22; Temperature Range: Industrial Rugged Mil Temp Range Isolation Amplifier; Package: None Available; No of Pins: 11; Temperature Range: Military Digitally Programmable Sensor Signal Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial MIL-STD-1553A/B Bus Transceiver 符合MIL - STD - 1553A /乙总线收发 UT63M dual multichip monolithic transceiver. QML-V. -15V, idle low. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-V. -12V, idle low. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML V. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -15V, idle low. QML Q. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML V. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish solder. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose none. -12V, idle low. QML Q. Lead finish optional. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish gold. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -15V, idle low. QML V. Lead finish solder. UT63M dual multichip monolithic transceiver. QML-Q. -12V, idle low. Lead finish optional. UT63M dual multichip monolithic transceiver. -12V, idle low. Lead finish optional. UT63M dual monolithic transceiver: SMD. Total dose 1E5(100Krad). -12V, idle low. QML V. Lead finish optional. MIL-STD-1553A/B Bus Transceiver
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. List of Unclassifed Man... Aeroflex Circuit Technology
|
|