PART |
Description |
Maker |
1286 5405 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Connector Adapter; Convert From:Double Banana Jack; Convert To:Binding Posts; Contact Material:Brass; Features:Attach wires, spade lugs and pin tip plugs by means of insulated knurl thumb knob; Insulator Material:ABS Plastic RoHS Compliant: Yes
|
Pomona Electronics
|
AM29LV641DH101RZI AM29LV640DU101RZI AM29LV640DH101 |
RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:N Jack RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:BNC Jack RoHS Compliant: Yes 8 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor CONTROLLERS,TYPE 4950 7-DAY PROGRAMMABLE CONTROLLERS,CONTROLLERS,PHOTOMOS RELAY,CONTROLLERS,4950 SERIES 7-DAY PROGRAMMABLE CONTROLLERS ,ARTISAN CONTROLS RoHS Compliant: Yes 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 64兆位个M x 16位).0伏的CMOS只均匀部门闪光控制记忆与VersatileI 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 4M X 16 FLASH 3V PROM, 120 ns, PDSO56 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 64兆位个M x 16位).0伏的CMOS只均匀部门闪光控制记忆VersatileI 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI Control 4M X 16 FLASH 3V PROM, 120 ns, PBGA63
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
ADM1176-2ARMZ-R7 ADM1176-1ARMZ-R7 ADM1176EBZ |
Hot Swap Controller and I2CPower Monitor with Convert Pin
|
Analog Devices, Inc.
|
LP3202-A18B5F LP3202-A28B5F LP3202-A33B5F LP3202-A |
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
LP3204A-15B5 LP3204 LP3204B-15B5 LP3204B-18B5 LP32 |
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
NTE5061A NTE5062A NTE5063A NTE5064A NTE5065A NTE50 |
Zener diode, 1 watt, -5% tolerance. Nominal zener voltage Vz = 68V. Zener test current Izt = 3.7mA. Zener Diode, 1 Watt ±5% Tolerance Zener Diode, 1 Watt 【5% Tolerance Zener Diode 1 Watt 5% Tolerance Zener Diode, 1 Watt 5% Tolerance Zener Diode / 1 Watt 5% Tolerance surface mount silicon Zener diodes 硅表面贴装齐纳二极管 Zener Diode, 1 Watt % Tolerance 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NTE[NTE Electronics] Mitsubishi Electric, Corp. NTE Electronics, Inc.
|
OA2AA2720-R01 OA2A2720-R01 OA2AA2720-R010 OA2A2720 |
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001Ω to 0.15Ω, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001惟 to 0.15惟, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001楼? to 0.15楼?, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001ヘ to 0.15ヘ, 1 WATT to 5 WATT
|
RCD COMPONENTS INC.
|
1.5KE13CA 1.5KE110CA 1.5KE11CA 1.5KE130CA 1.5KE160 |
1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 Watt mosorb zener transient voltage suppressors, 200V 1500 Watt mosorb zener transient voltage suppressors, 220V 1500 Watt mosorb zener transient voltage suppressors, 170V 1500 Watt mosorb zener transient voltage suppressors, 150V 1500 Watt mosorb zener transient voltage suppressors, 120V 1500 Watt mosorb zener transient voltage suppressors, 100V 1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt mosorb zener transient voltage suppressors, 110V 1500 Watt mosorb zener transient voltage suppressors, 130V 1500 Watt mosorb zener transient voltage suppressors, 160V 1500 Watt mosorb zener transient voltage suppressors, 180V 1500 Watt mosorb zener transient voltage suppressors, 250V
|
http:// ONSEMI[ON Semiconductor]
|
MPF2S-100-D MPF2S-100-F MPF2S-100-G MPF2S-100-J MP |
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
|
RCD COMPONENTS INC.
|
210X-R10 |
MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
|
RCD COMPONENTS INC.
|