PART |
Description |
Maker |
824521581 |
WE-TVSP Power TVS Diode
|
Wurth Elektronik GmbH &...
|
824521201 |
WE-TVSP Power TVS Diode
|
Wurth Elektronik GmbH &...
|
824500101 |
WE-TVSP Power TVS Diode
|
Wurth Elektronik GmbH &...
|
824541900 |
WE-TVSP Power TVS Diode
|
Wurth Elektronik GmbH &...
|
P6KE250-AP P6KE10A-AP P6KE10A-TP P6KE200A-AP P6KE2 |
600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS TVS 600W 7.5V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 68V BIDIRECT DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 24V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V UNIDIRECT DO-15 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 600W 10V BIDIRECT DO-15 TVS 600W 150V BIDIRECT DO-15 TVS 600W 20V BIDIRECT DO-15 TVS 600W 51V BIDIRECT DO-15
|
Micro Commercial Compon... http:// Micro Commercial Components, Corp.
|
Z85230-20VSC Z85230-16VSC Z80230-10PSC Z85230-16PS |
FUSE - PTC 0.5/1A SMT 1812 DIODE TVS 7.5V 1.5KW BI-DIR Communications Controller 通信控制 TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:342V; Breakdown Voltage, Vbr:380V; Package/Case:DO-201; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Current IPP @ 10x1000uS:2.8A RoHS Compliant: Yes 通信控制 DIODE TVS 100V 1500W 5% BI AXL 通信控制 TVS Diode; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Microsemi, Corp.
|
SA12A-T SA20CA-T SA10CA-T SA15CA-T SA7V0CA |
TVS UNI-DIR 12V 500W DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 20V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 10V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 15V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes, Inc. Diodes Incorporated
|
MQRT100KP260CA MVRT100KP260CA MART100KP260CA MVRT1 |
100000 W, BIDIRECTIONAL, SILICON, TVS DIODE Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION 100000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
TGL41-9.1 TGL41-20AHE3 TGL41-160/46HE3 TGL41-12A-2 |
Surface Mount TRANSZORBTransient Voltage Suppressors Peak Pulse Power 400W 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
VISHAY SEMICONDUCTORS
|
SP3050-04HTG SP305011 |
150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, MO-203AB GREEN, PLASTIC, MO-203, SC-74, 6 PIN TVS Diode Arrays
|
Littelfuse
|
SM712.TC SM712.TCT SM71204 |
Asymmetrical TVS Diode for Extended Common-Mode RS-485 400 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
Semtech Corporation
|
|