PART |
Description |
Maker |
74LCX16501 74LCX16501MTD 74LCX16501MEA 74LCX16501M |
18-Bit Bus Transceiver Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs 18-Bit Universal Bus Transceivers with 5VTolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74ACT323 74ACT323PC 74ACT323CW |
8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins From old datasheet system Replaced by SN74GTLPH16612 : 18-Bit LVTTL-To-GTL/GTL Universal Bus Transceivers 56-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74LVTH16500MEAX 74LVTH16500GX 74LVTH16500MTDX |
8K SPI 1K X 8, 16B PAGE, 2.5V SER EE, -40C to 85C, 8-PDIP, TUBE 18位总线收发 Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
IDT74ALVCH16500 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74H16501PA IDT74H16501PV IDT74ALVCH16501 IDT74A |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT Integrated Device Technology
|
74ALVC162835 74ALVC162835T |
Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26з Series Resistors in Outputs 低电8位通用总线输入3.6V的容错驱动器/输出6з在输出串联电 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26 Series Resistors in Outputs Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVT16500 |
2.5 V / 3.3 V 18-bit universal bus transceiver (3-State) 2.5V/3.3V 18-bit universal bus transceiver (3-State)(2.5V/3.3V 18位通用总线收发器(三态)) 2.5V/3.3V8位通用总线收发器(3态).5V/3.3V8位通用总线收发器(三态)
|
Philips NXP Semiconductors N.V.
|
PI74ALVC162835F |
16-Bit Universal Bus Driver
|
Pericom Semiconductor Corporation
|
IDT74LVC16601APA IDT74LVC16601APV IDT74LVC16601A I |
3.3V CMOS 18-Bit Universal Bus Transceiver with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O
|
IDT[Integrated Device Technology]
|
BT16501ADGG |
18-bit universal bus transceiver 3-State
|
NXP Semiconductors
|