PART |
Description |
Maker |
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
SLE44C80S-V5-T85-C SLE44C80S-V5-F7-M4 SLE44C80S-V5 |
Security & Chip Card ICs Dials / Accessories; Series:DW22; Track Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Resistance Max:2kohm; Temperature Coefficient: /-20ppm/ C RoHS Compliant: Yes Knob Potentiometer; Series:DC22; Track Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:2kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:10kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:10kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100ohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100ohm; Temperature Coefficient:20ppm/ C RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100kohm RoHS Compliant: Yes Knob Potentiometer; Series:DC22; Track Resistance:5kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:5kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100kohm RoHS Compliant: Yes 安全 Dials / Accessories; Series:DW22; Track Resistance:1kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:1kohm RoHS Compliant: Yes 安全 Dials / Accessories; Series:DW22; Track Resistance:100ohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100ohm; Temperature Coefficient:20ppm/ C RoHS Compliant: Yes 安全 Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Knurled; Body Material:Plastic; Shaft Size:1/4; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 安全
|
INFINEON[Infineon Technologies AG]
|
TM13R-44 TM13R-62 TM13R-64 TM13R-66 |
2 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER Network Hub; For Use With:AX-8000 PowerSense Series Modules; Leaded Process Compatible:Yes RoHS Compliant: Yes Network Hub; Approval Categories:12V Portocol Compatibility; Data Rate:100Mbps RoHS Compliant: Yes MODULAR CONNECTORS
|
Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
EETHC1C123HA EET-HC2C102HA EETHC1C103HA EETHC1E123 |
Long life with high capacitance (30% smaller than HB series) Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
|
Panasonic Semiconductor
|
IPT07E18-11SYCF7 IPT07E18-11PYCF7 |
11 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE ROHS COMPLIANT 11 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE ROHS COMPLIANT
|
Glenair, Inc.
|
IPT07E18-11SYCSRF7 IPT07E18-11PYCSRF7 |
11 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE ROHS COMPLIANT 11 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE ROHS COMPLIANT
|
Glenair, Inc.
|
CXK581000AYM-55LL CXK581000AYM-55SL CXK581000A CXK |
Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:6; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Features:Strain Relief with Clamping Ring; Leaded Process Compatible:Yes RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3106; No. of Contacts:10; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female RoHS Compliant: No C091D ER 10C 10#16 PIN PLUG RoHS Compliant: No Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:24; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes 10-474618-01P ER 5C 5#16 PIN PLUG Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; No. of Contacts:10; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes DIN Audio Connector; No. of Contacts:3; Contact Termination:Solder; Mounting Type:Cable; Gender:Female; Terminal Type:Solder RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:16; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:48; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:6; Connecting Termination:Crimp; Circular Shell Style:Right Angle Plug; Features:Strain Relief with Clamping Ring RoHS Compliant: Yes Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:6; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Features:Strain Relief with Clamping Ring RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 16; Connecting Termination:Screw; No. of Contacts:10; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:6; Connecting Termination:Solder; Circular Shell Style:Cable Plug; Features:Internal Strain Relief with Clamping Ring RoHS Compliant: Yes 131072-word x 8-bit High Speed CMOS Static RAM 131072字8位高速CMOS静态RAM
|
http:// SONY[Sony Corporation] Sony, Corp.
|
1N6672 1N6672JANTXV |
Silver Mica Capacitor; Capacitance:220pF; Capacitance Tolerance: /- 1%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Circular Connector; No. of Contacts:100; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 30 A 300V COMMON CATHODE DUAL ULTRAFAST RECTIFIER
|
Microsemi Corporation
|
P-MRJ-258E-11-BP |
MRJ SERIES BOOT FOR RJ PLUG & CABLE, RoHS COMPLIANT
|
Amphenol Corporation
|
93.732.5053.0 |
Connector; Gender:Male; No. of Contacts:8; Series:ST series ; Body Material:Thermoplastic; Connector Shell Size:64 x 66mm; Contact Plating:Tin; Operating Voltage:300V; Wire Size (AWG):22-12; Voltage Rating:300V RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|