PART |
Description |
Maker |
HD74LS195A SN74LS19 74LS195 |
4-bit Parallel-Access Shift Registers
|
HITACHI[Hitachi Semiconductor]
|
MM74HC597 MM74HC597M MM74HC597N MM74HC597SJ |
1.5 A 280kHz/560kHz Boost Regulators; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16 From old datasheet system 8-Bit Shift Registers with Input Latches
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VHC16 74VHC164MTCXNL 74VHC164MXNL 74VHC164MT 74V |
Quadruple 2-Input Positive-NOR Gates 14-TSSOP -40 to 85 AHC/VHC/H/U/V SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-In, Parallel-Out Shift Register 8-Bit Serial-In Parallel-Out Shift Register
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
SNJ5495AW |
<font color=red>[Old version datasheet]</font> 4-BIT PARALLEL-ACCESS SHIFT REGISTERS
|
TI store
|
SN5495AW |
<font color=red>[Old version datasheet]</font> 4-BIT PARALLEL-ACCESS SHIFT REGISTERS
|
TI store
|
IZ74LV164 IN74LV164 IN74LV164D IN74LV164N |
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER Octal Bus Transceivers And Registers With 3-State Outputs 24-SO -40 to 85
|
INTEGRAL Semiconductor Devices INTEGRAL[Integral Corp.] INTEGRAL JOINT STOCK COMPANY
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AS7C31025A-20TJI AS7C1025A AS7C1025A-10JC AS7C1025 |
3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 Parallel-Load 8-Bit Shift Registers 16-VQFN -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SO -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input AND Gates 14-TSSOP -55 to 125 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Parallel-Load 8-Bit Shift Registers 16-TSSOP -40 to 85 5V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
ACT-SF41632N-39F2C ACT-SF41632N-37F2Q ACT-SF41632N |
Serial-out shift registers 16-SO 0 to 70 行为SF41632高28Kx32的SRAM / 512Kx32闪存多芯片模 XTAL MTL SMT HC49/USM 行为SF41632高28Kx32的SRAM / 512Kx32闪存多芯片模 ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module 行为SF41632高28Kx32的SRAM / 512Kx32闪存多芯片模 Serial-out shift registers 16-SOIC 0 to 70 行为SF41632高28Kx32的SRAM / 512Kx32闪存多芯片模 RF CONNECTOR; 10-32 FEMALE, P.C. MOUNT Serial-out shift registers 16-PDIP 0 to 70
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
MC100E141FN MC100E141FNG MC100E141FNR2 MC100E141FN |
5V ECL 8-Bit Shift Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 10E SERIES, 8-BIT BIDIRECTIONAL PARALLEL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|
AT29C1024-70 AT29C1024-15 AT29C1024-12TC AT29C1024 |
8-Bit Shift Registers With 3-State Output Registers 16-SOIC -55 to 125 8-Bit Shift Registers With 3-State Output Registers 16-SSOP -55 to 125 1 Megabit 64K x 16 5-volt Only CMOS Flash Memory 1兆位64K的16 5伏只有闪存的CMOS 1 Megabit 64K x 16 5-volt Only CMOS Flash Memory 64K X 16 FLASH 5V PROM, 70 ns, PQCC44
|
Atmel Corp. Atmel, Corp. Electronic Theatre Controls, Inc.
|