PART |
Description |
Maker |
T8207 |
ATM Interconnect
|
AGERE[Agere Systems]
|
GD16367B-52BA GD16368B-52BA |
ATM Multiplexer ATM/SONET Demultiplexer ATM SONET的多路解复用
|
Micro Commercial Components, Corp.
|
PM7328-BI |
ATM LAYER SOLUTION ATM NETWORK INTERFACE, PBGA432
|
PMC-Sierra, Inc.
|
PM7375 1931127 PM7375-SC |
ATM SAR and PHY Processor for PCI Bus LOCAL ATM SAR & PHYSICAL LAYER From old datasheet system 155 LASAR-LOCAL
|
PMC[PMC-Sierra, Inc] PMC-Serria
|
IDT77V400S156BC IDT77V400S156BC1 IDT77V400S156DS I |
ATM/SONET SWITCHING MEMORY|QFP|208PIN|PLASTIC SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
|
List of Unclassifed Manufacturers
|
LC-155B4J1A LC-155B4J1AH LC-155B4J1AT LC-155B4J1H |
155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps,准系统LC双工光收发模块的快速以太网,ATM,SONET / SDH的STM-1/OC-3
|
DELTA[Delta Electronics, Inc.]
|
HFCT-5208M HFBR-5208M |
1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications(应用22 Mb/s ATM/SONET/SDH x 9光纤收发
|
Agilent(Hewlett-Packard)
|
106073-0020 106073-0021 106073-0022 106073-0023 |
SnapMate垄芒 Optical Interconnect System SnapMate Optical Interconnect System
|
Molex Electronics Ltd.
|
ML925C45F ML920J45S ML920K45S ML920Y45S ML925B45F |
Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats), SOT612, Reel Dry Pack, SMD, 13" Triple input HDMI 1.3a compliant receiver interface with equalizer (up to 1080p for HDTV, and UXGA for PC formats), SOT612, Reel Dry Pack, SMD, 13" Ultra low power multiband silicon tuner, SOT617-1 (HVQFN32), Tray Pack, Bakeable, Multiple Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats), SOT612, Reel Dry Pack, SMD, 13" 1550,1520nm InGaAsP FP LASER DIODES
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
RI60 RI-60 |
Ultra-miniature dry-reed switch hermetically sealed in a gas-filled glass envelope Ultra-miniature dry-reed switch germetically sealed in a gas-dilled glass envelope
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
V23826-H18-C366 SCDUPLEXIR1X93.3V-40 |
DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range 直流/直流电压3.3V)单22 MBd的ATM SDH / SONETx9收发器扩展温度范 Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (40C to 85C) Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, DC/DC coupling, Ext. Temp. Range, SC, 3.3 V
|
INFINEON[Infineon Technologies AG]
|
RI-02 |
Dry Reed Switch
|
Coto Technology
|