PART |
Description |
Maker |
STM32F101T6U6A VFQFPN36 LQFP48 LQFP64 STM32F101C6T |
Mainstream Access line, ARM Cortex-M3 MCU with 16 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces Mainstream Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics ST Microelectronics
|
STM32F101T8U6TR STM32F101VBT6 STM32F101VBT6TR STM3 |
Mainstream Access line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 36 MHz CPU Mainstream Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 36 MHz CPU
|
ST Microelectronics
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
MF1S5009 |
Mainstream contactless smart card IC
|
NXP Semiconductors
|
MF1S5009DA4 |
MF1S5009 Mainstream contactless smart card IC
|
NXP Semiconductors
|
MF1S5009DUD MF1S5009DA4 |
Mainstream contactless smart card IC for fast and easy solution development
|
NXP Semiconductors
|
74ABT16244A 74ABT16244ADGG 74ABT16244ADL 74ABH1624 |
74ABT16244A/74ABTH16244A; 16-bit buffer/line driver (3-State) 16-Bit Buffer/Line Driver (3-State)(0Ω系列电阻0位缓冲器/线驱动器(三态)) 16-bit buffer/line driver 3-State 16位缓冲器/线路驱动器三
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PDU54-1500 PDU54-2000 PDU54-1200M PDU54-1200MC4 PD |
Delay 1500 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 2000 /-400 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1200 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 1000 /-200 ns, 4-BIT, ECL-interfaced programmable delay line Delay 200 /-60 ns, 4-BIT, ECL-interfaced programmable delay line Delay 100 /-50 ns, 4-BIT, ECL-interfaced programmable delay line
|
Data Delay Devices Inc
|
HD74LVCZ16240A |
16-bit Buffers/Line Drivers/Line Receivers with inverted 3-state outputs (live insertion)
|
Hitachi Semiconductor
|
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
1514 1514-22.5Y 1514-135Y 1514-2.5A 1514-130D 1514 |
Delay 50 /-2.5 ns, fixed SIP delay line Td/Tr=5 Delay 60 /-3 ns, fixed SIP delay line Td/Tr=5 Delay 45 /-2.3 ns, fixed SIP delay line Td/Tr=5 Delay 40 /-2 ns, fixed SIP delay line Td/Tr=5 Delay 270 /-13.5 ns, fixed SIP delay line Td/Tr=5 Delay 25 /-1.3 ns, fixed SIP delay line Td/Tr=5 Delay 170 /-8.5 ns, fixed SIP delay line Td/Tr=5 Delay 120 /-6 ns, fixed SIP delay line Td/Tr=5 Delay 10 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 90 /-4.5 ns, fixed SIP delay line Td/Tr=5 Delay 70 /-3.5 ns, fixed SIP delay line Td/Tr=5 Delay 130 /-6.5 ns, fixed SIP delay line Td/Tr=5 Delay 135 /-6.8 ns, fixed SIP delay line Td/Tr=5 PASSIVE DELAY LINE, TRUE OUTPUT, PSIP4 Fixed passive SIP delay line Delay 2.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 3.5 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 100 /-5 ns, fixed SIP delay line Td/Tr=5 Delay 105 /-5.3 ns, fixed SIP delay line Td/Tr=5 Delay 140 /-7 ns, fixed SIP delay line Td/Tr=5 Delay 150 /-7.5 ns, fixed SIP delay line Td/Tr=5 Delay 15 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 20 /-1 ns, fixed SIP delay line Td/Tr=5 Delay 22.5 /-1.2 ns, fixed SIP delay line Td/Tr=5 Delay 30 /-1.5 ns, fixed SIP delay line Td/Tr=5 Delay 37.5 /-1.9 ns, fixed SIP delay line Td/Tr=5 Delay 80 /-4 ns, fixed SIP delay line Td/Tr=5 Delay 7.5 /-1 ns, fixed SIP delay line Td/Tr=5
|
DATA DELAY DEVICES INC
|
|