PART |
Description |
Maker |
CZRV3-55C10-G CZRV3-55C11-G CZRV3-55C13-G CZRV3-55 |
Zener Diodes, P-D=0.2Watts, V-Z=10V Zener Diodes, P-D=0.2Watts, V-Z=11V Zener Diodes, P-D=0.2Watts, V-Z=13V Zener Diodes, P-D=0.2Watts, V-Z=12V Zener Diodes, P-D=0.2Watts, V-Z=15V Zener Diodes, P-D=0.2Watts, V-Z=18V Zener Diodes, P-D=0.2Watts, V-Z=16V Zener Diodes, P-D=0.2Watts, V-Z=20V Zener Diodes, P-D=0.2Watts, V-Z=22V Zener Diodes, P-D=0.2Watts, V-Z=2.4V Zener Diodes, P-D=0.2Watts, V-Z=27V Zener Diodes, P-D=0.2Watts, V-Z=24V Zener Diodes, P-D=0.2Watts, V-Z=2.7V Zener Diodes, P-D=0.2Watts, V-Z=30V Zener Diodes, P-D=0.2Watts, V-Z=33V Zener Diodes, P-D=0.2Watts, V-Z=39V Zener Diodes, P-D=0.2Watts, V-Z=36V Zener Diodes, P-D=0.2Watts, V-Z=3V Zener Diodes, P-D=0.2Watts, V-Z=3.3V Zener Diodes, P-D=0.2Watts, V-Z=3.6V Zener Diodes, P-D=0.2Watts, V-Z=4.3V Zener Diodes, P-D=0.2Watts, V-Z=3.9V Zener Diodes, P-D=0.2Watts, V-Z=5.1V Zener Diodes, P-D=0.2Watts, V-Z=4.7V Zener Diodes, P-D=0.2Watts, V-Z=6.2V Zener Diodes, P-D=0.2Watts, V-Z=5.6V Zener Diodes, P-D=0.2Watts, V-Z=8.2V Zener Diodes, P-D=0.2Watts, V-Z=7.5V Zener Diodes, P-D=0.2Watts, V-Z=6.8V Zener Diodes, P-D=0.2Watts, V-Z=9.1V
|
Comchip Technology
|
CZRER20VB CZRER22VB CZRER24VB CZRER27VB CZRER2V4B |
Zener Diodes, P-D=0.15Watts, V-Z=20V Zener Diodes, P-D=0.15Watts, V-Z=22V Zener Diodes, P-D=0.15Watts, V-Z=24V Zener Diodes, P-D=0.15Watts, V-Z=27V Zener Diodes, P-D=0.15Watts, V-Z=2.4V Zener Diodes, P-D=0.15Watts, V-Z=2.7V Zener Diodes, P-D=0.15Watts, V-Z=4.7V Zener Diodes, P-D=0.15Watts, V-Z=8.2V Zener Diodes, P-D=0.15Watts, V-Z=11V Zener Diodes, P-D=0.15Watts, V-Z=10V Zener Diodes, P-D=0.15Watts, V-Z=12V Zener Diodes, P-D=0.15Watts, V-Z=15V Zener Diodes, P-D=0.15Watts, V-Z=18V Zener Diodes, P-D=0.15Watts, V-Z=16V Zener Diodes, P-D=0.15Watts, V-Z=13V Zener Diodes, P-D=0.15Watts, V-Z=30V Zener Diodes, P-D=0.15Watts, V-Z=9.1V Zener Diodes, P-D=0.15Watts, V-Z=6.2V Zener Diodes, P-D=0.15Watts, V-Z=3.6V Zener Diodes, P-D=0.15Watts, V-Z=3.3V Zener Diodes, P-D=0.15Watts, V-Z=3.9V Zener Diodes, P-D=0.15Watts, V-Z=3V Zener Diodes, P-D=0.15Watts, V-Z=36V Zener Diodes, P-D=0.15Watts, V-Z=5.1V
|
Comchip Technology
|
CZRFR6V8B-HF CZRFR6V2B-HF CZRFR36VB-HF CZRFR3V9B-H |
Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=5.1V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=4.7V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=3.9V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=3.3V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=39V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=30V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=2.4V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=24V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=20V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=16V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=13V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=11V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=7.5V SMD Zener Diode Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=6.2V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=10V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=12V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=15V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=18V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=22V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=27V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=2.7V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=33V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=3V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=3.6V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=4.3V Halogen Free Zener Diodes, P-D=0.2Watts, V-Z=9.1V
|
Comchip Technology
|
CZRQR2V7B CZRQR4V7B CZRQR20VB CZRQR10VB CZRQR9V1B |
Zener Diodes, P-D=0.125Watts, V-Z=2.7V Zener Diodes, P-D=0.125Watts, V-Z=4.7V Zener Diodes, P-D=0.125Watts, V-Z=20V Zener Diodes, P-D=0.125Watts, V-Z=10V Zener Diodes, P-D=0.125Watts, V-Z=9.1V Zener Diodes, P-D=0.125Watts, V-Z=7.5V Zener Diodes, P-D=0.125Watts, V-Z=5.1V Zener Diodes, P-D=0.125Watts, V-Z=8.2V Zener Diodes, P-D=0.125Watts, V-Z=27V Zener Diodes, P-D=0.125Watts, V-Z=3V Zener Diodes, P-D=0.125Watts, V-Z=22V Zener Diodes, P-D=0.125Watts, V-Z=24V Zener Diodes, P-D=0.125Watts, V-Z=2.4V
|
Comchip Technology
|
1N3040B 1N3020B 1N3031B 1N3016B 1N3021B 1N3045B 1N |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管W的齐纳二极管 1 Watt Zener Diodes(1W齐纳二极 1瓦齐纳二极管1W的齐纳二极管 Zener Voltage Regulator Diode
|
Microsemi, Corp. Atmel, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Devices Incorporated
|
2EZ11D5 2EZ14D5 2EZ150D5 2EZ16D5 2EZ17D5 2EZ180D5 |
SILICON ZENER DIODES CABLE RISER SHIELD 6COND 22AWG CAP 3.3UF 50V 10% X7R AXIAL BULK S-MIL-PRF-39014 8 Character x 1 Line, 5 x 11 Dot Matrix Character surface mount silicon Zener diodes 33 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 30 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 36 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 16 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 39 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 13 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 43 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 CONN EDGE CARD DUAL .8MM 40POS 17 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 27 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 120 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
EIC discrete Semiconduc... http:// EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC SEMICONDUCTOR INC
|
CZRFR52C3V9-HF CZRFR52C2-HF CZRFR52C2V2-HF CZRFR52 |
Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=6.8V Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=3.9V Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=7.5V Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=10V SMD Zener Diode Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=2V Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=11V Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=5.1V Halogen Free Zener Diodes, P-D=0.35Watts, V-Z=39V
|
Comchip Technology
|
NTE5296A NTE5240A NTE5241A NTE5242A NTE5243A NTE52 |
50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 52.0V. Zener test current Izt = 240mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 33.0V. Zener test current Izt = 380mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 180.0V. Zener test current Izt = 68mA. 50 Watt Zener Diodes ±5% Tolerance 50 Watt Zener Diodes 5% Tolerance 50 WATT ZENER DIODES 【5% TOLERANCE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 13.0V. Zener test current Izt = 960mA. 50 watt zener diode, -5% tolerance. Nominal zener voltage Vz = 43.0V. Zener test current Izt = 290mA.
|
NTE[NTE Electronics] Fujitsu, Ltd. NTE Electronics, Inc.
|
1N5232A 1N5221A 1N5221B 1N5221C 1N5221D 1N5270B 1N |
22 V, 5.6 mA, zener diode 13 V, 9.5 mA, zener diode 36 V, 3.4 mA, zener diode 3.3 V, 20 mA, zener diode 30 V, 4.2 mA, zener diode 15 V, 8.5 mA, zener diode 8.7 V, 20 mA, zener diode 2.5 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 3.3 V, 20 mA, zener diode 19 V, 6.6 mA, zener diode 33 V, 3.8 mA, zener diode 56 V, 2.2 mA, zener diode 11 V, 20 mA, zener diode 28 V, 4.5 mA, zener diode 24 V, 5.2 mA, zener diode 60 V, 2.1 mA, zener diode 60 V, 2.1 mA, zener diode 39 V, 3.2 mA, zener diode 39 V, 3.2 mA, zener diode 17 V, 7.4 mA, zener diode 14 V, 9.0 mA, zener diode 12 V, 20 mA, zener diode 18 V, 7.0 mA, zener diode 5.6 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 87 V, 1.4 mA, zener diode 4.7 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 7.5 V, 20 mA, zener diode 110 V, 1.1 mA, zener diode 2.8 V, 20 mA, zener diode 24 V, 5.2 mA, zener diode 28 V, 4.5 mA, zener diode 25 V, 5.0 mA, zener diode 1N52 SERIES ZENER DIODES FKC 2.5/6-STF Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 2.5 V, 20 mA, zener diode 36 V, 3.4 mA, zener diode 9.1 V, 20 mA, zener diode 11 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 110 V, 1.1 mA, zener diode 3.9 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 16 V, 7.8 mA, zener diode 12 V, 20 mA, zener diode 3.9 V, 20 mA, zener diode 43 V, 3.0 mA, zener diode 68 V, 1.8 mA, zener diode 68 V, 1.8 mA, zener diode 56 V, 2.2 mA, zener diode 30 V, 4.2 mA, zener diode 43 V, 3.0 mA, zener diode 6.2 V, 20 mA, zener diode 3.0 V, 20 mA, zener diode 33 V, 3.8 mA, zener diode 14 V, 9.0 mA, zener diode 8.2 V, 20 mA, zener diode 2.8 V, 20 mA, zener diode 6.8 V, 20 mA, zener diode 75 V, 1.7 mA, zener diode 10 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 75 V, 1.7 mA, zener diode 51 V, 2.5 mA, zener diode 100 V, 1.3 mA, zener diode 8.7 V, 20 mA, zener diode 22 V, 5.6 mA, zener diode
|
LRC[Leshan Radio Company] 乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
EDZ |
Diodes > Zener Diodes (Include TVS) > 2Terminal (single) Zener Diodes
|
ROHM[Rohm]
|
PTZ |
Diodes > Zener Diodes (Include TVS) > 2Terminal (single) Zener Diodes
|
ROHM
|
|