PART |
Description |
Maker |
ADT7476A ADT7476AARQZ-REEL7 ADT7476AARQZ-REEL ADT7 |
dBCool™ Remote Thermal Controller and Voltage Monitor dBCool Remote Thermal Controller and Voltage Monitor From old datasheet system
|
AD[Analog Devices]
|
EVAL-ADT7468EB ADT7468ARQ ADT7468ARQ-REEL ADT7468A |
dBCool垄莽 Remote Thermal Controller and Voltage Monitor dBCool? Remote Thermal Controller and Voltage Monitor
|
ON Semiconductor
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
ADT7460 ADT7460ARQ |
dB COOL Remote Thermal Controller and Fan Controller dB COOL?? Remote Thermal Controller and Fan Controller
|
AD[Analog Devices]
|
RX2B |
remote controller
|
Silan Semiconductors
|
5962R8957701-XX 5962R8957701-XXA UT1553B_BCRTM-ACA |
UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML Q. Lead finish solder. Total dose 1E6(1MRad). UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML V. Lead finish gold. Total dose 3E5(300KRad). UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML V. Lead finish solder. Total dose 3E5(300KRad). UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML V. Lead finish solder. Total dose none. UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML Q. Lead finish gold. Total dose none. UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML Q. Lead finish optional. Total dose 3E5(300KRad). UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML Q. Lead finish optional. Total dose none. BCRTM UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML Q. Lead finish solder. Total dose none. UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML V. Lead finish gold. Total dose none. UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML Q. Lead finish gold. Total dose 3E5(300KRad). UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML V. Lead finish optional. Total dose 3E5(300KRad). UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML Q. Lead finish solder. Total dose 3E5(300KRad). UT1553B BCRT/M bus controller/remote terminal/monitor: SMD. Class designator QML V. Lead finish optional. Total dose 5E5(500KRad).
|
Aeroflex Circuit Technology ETC[ETC]
|
RCR5G-D22-T |
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
|
Unisonic Technologies
|
RCT2EG-D14-T RCT2EL-D14-T RCT2E-15 |
ENCODER FOR REMOTE CONTROLLER
|
Unisonic Technologies
|
UT912DG-S20-T UT912DG-S20-R UT912DG-D18-T UT912D11 |
DECODERS FOR REMOTE CONTROLLER
|
Unisonic Technologies
|
PT2129A-S91D PT2129A-S91S PT2129A-S92D PT2129A-S92 |
Remote Fan Controller IC
|
Princeton Technology Corporation
|
RCT6L-D16-T RCT6 RCT6-D16-T |
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
|
UTC[Unisonic Technologies]
|
RCT02G-D14-T RCT02-15 RCT02L-S14-T RCT02G-S14-R |
ENCODER FOR REMOTE CONTROLLER
|
Unisonic Technologies
|