PART |
Description |
Maker |
PE99151-14 |
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
|
Peregrine Semiconductor
|
HCTS393MS HCTS393KMSR HCTS393K HCTS393HMSR HCTS393 |
Radiation Hardened Dual 4-Input NOR Gate Test Bus Controllers 68-CPGA -55 to 125 Test Bus Controllers 68-CFP -55 to 125 Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Stage Binary Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRHM93130 IRHM9130 IRHM9130-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA) RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
5962F0152101QXC 5962F0152101VXC ISL74422ARHQF ISL7 |
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers BUF OR INV BASED MOSFET DRIVER, CDFP16 Radiation Hardened 9A. Non-Inverting Power MOSFET Drivers 辐射加固9A条。非反向功率MOSFET驱动 Power MOSFET Drivers, Rad-Hard, 9A, Non-Inverting Radiation Hardened 9A/ Non-Inverting Power MOSFET Drivers
|
Intersil, Corp. Intersil Corporation
|
ACS138KMSR-02 ACS138MS ACS138D ACS138DMSR-02 ACS13 |
Radiation Hardened
3-to-8 Line Decoder/Demultiplexer(抗辐-8线译码器/多路信号分离 Radiation Hardened 3-to-8 Line Decoder/Demultiplexer 3 to 8 Line Decoder/Demultiplexer, Rad-Hard, Advanced Logic, CMOS Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
|
Intersil Corporation
|
ISL70001SRH ISL70001SRHF_PROTO ISL70001SRHQF ISL70 |
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
|
Intersil Corporation
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
HS2-2620RH-Q HS-2620RH HS-2622RH HS2-2622RH-Q HS7B |
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 6000 uV OFFSET-MAX, MBCY8 Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 100 MHz BAND WIDTH, CDIP8 Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP8 Radiation Hardened/ Very Wideband/ High Input Impedance Uncompensated Operational Amplifiers Radiation Hardened, Very Wideband, High
Input Impedance Uncompensated
Operational Amplifiers(抗辐射、宽带、高输入阻抗、低输入偏置电流非补偿性运算放大器)
|
Intersil, Corp. Intersil Corporation
|
HCS244MS HCS244D HCS244DMSR HCS244HMSR HCS244K HCS |
Radiation Hardened Octal Buffer/Line Driver/ Three-State Radiation Hardened Octal Buffer/Line Driver, Three-State From old datasheet system CONTACT RACK & PANEL SOLDER EYE HC/UH SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
JANSR2N7281 FN4294 |
Radiation Hardened/ N-Channel Power MOSFET Radiation Hardened, N-Channel Power MOSFET Radiation Hardened N-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
5962F9854101VXC ACS244MS ACS244D 5962F9854101VRC A |
Buffer/Line Driver, Non-Inverting, Octal, Tri-State Rad-Hard, Advanced Logic, CMOS Radiation Hardened Non-Inverting/ Octal/ Three-State Buffer/Line Driver Radiation Hardened
Non Inverting, Octal, Three-State Buffer/Line Driver(抗辐射同相、八路三态缓冲器/线驱动器) Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, UUC22 CONTACT RACK & PANEL SOLDERTAIL AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20
|
Intersil Corporation Intersil, Corp.
|