PART |
Description |
Maker |
PC123SJ0000F PC123Y2J000F PC123YSJ000F PC123Y5J000 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, DIP-4 DIP 4pin Reinforced Insulation Type Photocoupler DIP 4pin Reinforced Insulation Type Photocoupler
|
Sharp Microelectronics of the Americas Sharp Electronics, Corp. Sharp Electrionic Components Sharp Electrionic Compo...
|
AQW610EHAZ AQW610EHAX AQW612EHA AQW612EHAX AQW614E |
Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
|
Panasonic Semiconductor
|
MIHW2033 MIHW2022 MIHW200011 MIHW2032 MIHW2026 MIH |
DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
|
Minmax Technology Co., Ltd. Minmax Technology Co., ...
|
AQW414EHAZ AQW414EH AQW414EHA AQW414EHAX |
General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
|
PANASONIC[Panasonic Semiconductor]
|
MIHW2026 |
Reinforced Insulation rated for 300VAC Working Voltage
|
Total Power Internation...
|
222233860274 222233860103 |
MicroMonitor Chip 电容270NF 300V CAPACITOR 10NF 300V 电容10NF 300V
|
Vishay Intertechnology, Inc.
|
NX7313UA-AZ |
WIRE, PTFE, A, ORANGE, 7/.012MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:Orange; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
|
California Eastern Laboratories
|
PC3SH21YIPB PC3SH21YFZ |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SMT, PLASTIC, DIP-4 VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
FQI22N30 |
TRANSISTOR | MOSFET | N-CHANNEL | 300V V(BR)DSS | 21A I(D) | TO-263 300V N-Channel MOSFET(漏源电压00V的N沟道增强型MOS场效应管)
|
Fairchild Semiconductor Corporation
|