PART |
Description |
Maker |
0853-2X4R-66 |
INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 4 DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S)
|
Bel Fuse, Inc.
|
0833-2X8R-55 |
INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 8 DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S)
|
Bel Fuse, Inc. Bel Fuse Inc.
|
84221 |
Quad 100BaseTX/100BaseFX/10BaseT Physical Layer Device (Highly Integrated Ethernet Transceiver For Twisted Pair And Fiber Ethernet Applications四
|
LSI Corporation
|
AD9574BCPZ AD9574BCPZ-REEL7 |
Ethernet/Gigabit Ethernet Clock Generator
|
Analog Devices
|
BCM56302 |
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIG PORTS 24端口千兆以太网多层交换机与双10-GIGABIT以太 HIGIG港口
|
Broadcom Corp. Broadcom, Corp.
|
AM79C874VI |
NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver DATACOM, ETHERNET TRANSCEIVER, PQFP80
|
Advanced Micro Devices, Inc.
|
AM79C98 AM79C98PC |
Twisted-Pair Ethernet Transceiver (TPEX) DATACOM, ETHERNET TRANSCEIVER, PDIP24
|
Advanced Micro Devices, Inc.
|
BCM56302 BCM5836P BCM5464R |
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH TWO 10-GIGABIT ETHERNET/HIGIG PORTS
|
BOARDCOM[Broadcom Corporation.]
|
BCM56303B1KEBG |
24-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH THREE 10-GIGABIT ETHERNET/HIGIG PORTS
|
Broadcom Corporation.
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
485ELC |
Max voltage:20V; 250mA; high speed ethernet data line protector. For ethernet- 10/100 base T, catagory 5 systems, RS-485 serial communication lines, ISDN equipment/systems, video transmission systems
|
Protek Devices
|
GD82541GI LU82541EI LU82541GI LU82541PI GD82541EI |
82541 Family of Gigabit Ethernet Controllers 1 CHANNEL(S), 1000M bps, LOCAL AREA NETWORK CONTROLLER, PBGA196 Intel® 82541GI Gigabit Ethernet Controller, Single Port, PBGA, Tape
|
Intel Corporation
|