PART |
Description |
Maker |
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
NFR21GD4701012L NFR21GD4704702L |
EMI FILTER RC 47PF 100 OHM 35MA 50V 0805 1 FUNCTIONS, 50 V, 0.025 A, DATA LINE FILTER 47R-47PF RC FILTER 0805 1 FUNCTIONS, 50 V, 0.035 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
GUS-QS24M-330-K-330-M GUS-QS24M-330-K-121-K GUS-TS |
RC NETWORK, T-FILTER, 33ohm, 0.000033uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 33ohm, 0.00012uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 82ohm, 0.000082uF, SURFACE MOUNT, TSSOP-24 RC NETWORK, T-FILTER, 39ohm, 0.000033uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 33ohm, 0.000039uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 15ohm, 0.000015uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 15ohm, 0.000015uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 22ohm, 0.000056uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 56ohm, 0.0002uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 39ohm, 0.000056uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 56ohm, 0.000034uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 56ohm, 0.000068uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 12ohm, 0.00001uF, SURFACE MOUNT, QSOP-24 RC NETWORK, T-FILTER, 12ohm, 0.000034uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 10ohm, 0.00018uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 10ohm, 0.00001uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 33ohm, 0.00001uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 33ohm, 0.000033uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 33ohm, 0.000015uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 47ohm, 0.000033uF, SURFACE MOUNT, SOIC-20 RC NETWORK, T-FILTER, 56ohm, 0.00012uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 18ohm, 0.0001uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 39ohm, 0.0002uF, SURFACE MOUNT, QSOP-20 RC NETWORK, T-FILTER, 100ohm, 0.000033uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 10ohm, 0.0001uF, SURFACE MOUNT, SOIC-24 RC NETWORK, T-FILTER, 100ohm, 0.00015uF, SURFACE MOUNT, QSOP-24
|
INTERNATIONAL RESISTIVE CO INC
|
NFW31SP407X1E4L NFW31SP206X1E4L |
FILTER LC EMI 400MHZ 200MA 1206 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER FILT, FILTER EMI 200MA 3DB CUTOFF 20MHZ 1 FUNCTIONS, 25 V, 0.2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
4201-015 |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
EM10Q200 EM10Q-200 EM10Q-200-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
LFB2H2G45SG7A204 |
FILTER,BANDPASS,2.4GHZ,SMT 2450 MHz, BAND PASS FILTER
|
Honeywell International, Inc.
|
NUF4107FC NUF4107FCT1G |
From old datasheet system 4 Channel EMI Pi-Filter Array with Full USB Filter
|
ON Semiconductor
|
X7256D B39570-X7256-N201 |
1 FUNCTIONS, 57.08 MHz, SAW-VIDEO/SOUND FILTER SAW Components Bandpass Filter
|
EPCOS AG
|
B39431B3710U410 B37101 B39431-B3710-U410 |
SAW filter Short range devices 1 FUNCTIONS, 433.92 MHz, SAW FILTER
|
EPCOS AG
|
MM-0637A-50 MM-0637A-35 |
The 637A series filter is a very compact DC filter intended for use with telecommunication hardware
|
JMK Inc.
|
|