PART |
Description |
Maker |
SI1027-A-GM SI1021-A-GM SI1037-A-GM SI1022-A-GM SI |
Ultra Low Power 128K, LCD MCU Family
|
http:// Silicon Laboratories
|
STM32L100RCT6TR |
Ultra-low-power 32-bit Value Line ARM Cortex-M3 MCU with 256 Kbytes Flash, 32 MHz CPU, LCD, USB
|
ST Microelectronics
|
STM32L162VC-A STM32L162VCT6A |
Ultra-low-power ARM Cortex-M3 MCU with 256 Kbytes Flash, 32 MHz CPU, LCD, USB, 2xOp-amp, AES
|
ST Microelectronics
|
STM32L073V8 |
Ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs
|
STMicroelectronics
|
STM32L151C6 STM32L151CBT6 STM32L151C8T6 STM32L151R |
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
|
STMicroelectronics
|
STM32L151QCH6 STM32L152QCH6 |
Ultra-low-power ARM Cortex-M3 MCU with 256 Kbytes Flash, 32 MHz CPU, USB, 3xOp-amp Ultra-low-power ARM Cortex-M3 MCU with 256 Kbytes Flash, 32 MHz CPU, LCD, USB, 3xOp-amp
|
ST Microelectronics
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
BS616UV2019AIP10 BS616UV2019DIG10 |
Ultra Low Power CMOS SRAM 128K X 16 bit
|
Brilliance Semiconducto...
|
IC62VV12816LL IC62VV12816L IC62VV12816L-70B IC62VV |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM 70ns; 1.8V; 128K x 16 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
MT5C1008C-30LL_MIL MT5C1008LL MT5C1008C-30LL/MIL |
128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
|
AUSTIN[Austin Semiconductor]
|
IS62WV12816BLL-55TI IS62WV12816BLL-55T IS62WV12816 |
128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 128K X 16 STANDARD SRAM, 70 ns, PDSO44 Circular Connector; No. of Contacts:6; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
N02L1618C1A |
2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K x 16 bit
|
NanoAmp Solutions
|