PART |
Description |
Maker |
CQ202-4M CQ202-4N CQ202-4D CQ202-4B |
TRIAC|200V V(DRM)|4A I(T)RMS|TO-202 可控硅| 200伏五(DRM)的| 4A条口T)的有效值|02 TRIAC|400V V(DRM)|4A I(T)RMS|TO-202 From old datasheet system 4.0 AMP TRIAC 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Unisonic Technologies Co., Ltd. Central Semiconductor Corp.
|
MAC137-600-BG MAC137-700-BS MAC137-500-BS |
600 V, 8 A, TRIAC, TO-220AB 700 V, 8 A, TRIAC 500 V, 8 A, TRIAC
|
MOTOROLA INC
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
Q6040M9 Q7040M9 Q4040M9 Q2040M9 Q8040M9 Q5040M9 Q2 |
TRIAC|600V V(DRM)|40A I(T)RMS|TO-218 TRIAC|700V V(DRM)|40A I(T)RMS|TO-218 TRIAC|800V V(DRM)|40A I(T)RMS|TO-218 TRIAC|500V V(DRM)|40A I(T)RMS|TO-218 TRIAC|200V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|700V V(DRM)|15A I(T)RMS|TO-220 可控硅| 700V的五(DRM)的| 15A条口(T)的有效值|20 TRIAC|400V V(DRM)|15A I(T)RMS|TO-220 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|800V V(DRM)|25A I(T)RMS|TO-220
|
Motorola Mobility Holdings, Inc.
|
CQ218I-40N CQ218I-40B CQ218I-40D CQ218I-40M |
Connector assemblies, Network cables; 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 Connector assemblies, Network cables; 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 40 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
CQ218I-25B CQ218I-25D CQ218I-25M CQ218I-25N |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS
|
Central Semiconductor Corp.
|
CQDD-16M CQDD-16N |
SMD TRIAC 16 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC16 |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|