PART |
Description |
Maker |
AM29841A/BKA AM29841A/B3A AM29843PC AM29843ALC AM2 |
600V Low-Vceon Copack IGBT in a TO-220 FullPak package; Similar to IRGIB7B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS10B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRG4BC15UD-L with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRGSL6B60KD with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL15B60KD with Lead Free Packaging 1200V UltraFast 4-20 kHz CoPack IGBT in a TO-274AA package; Similar to IRG4PSH71UD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package; A IRGS6B60KD with Standard Packaging 600V Warp2 150kHz Copack IGBT in a TO-247AC package; A IRGP50B60PD1 with Standard Packaging 600V UltraFast Copack Trench IGBT in a TO-247AD package with Ultra-Low VF Diode for Induction Heating and Soft Switching Apps; A IRGP4068D-EPBF with Standard Packaging 600V HyperFast 1-8 kHz Co-Pack IGBT in a D2-Pak package; A IRG4BC30FD-S with Standard Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; A IRG4BC15UD-L with Standard Packaging 600V Low-Vceon Non Punch Through Copack IGBT in a D2-Pak package; A IRGS4B60KD1 with Standard Packaging 1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AD package; Similar to IRG4PH40UD2-E with Lead Free Packaging 10位D型锁存器 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package; Similar to IRG4RC10KD with Lead Free Packaging 9位D型锁存器 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; A IRGB6B60KD with Standard Packaging 9位D型锁存器
|
Duracell TT electronics Semelab, Ltd. NXP Semiconductors N.V.
|
IRG4BC10UD IRG4BC10UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IRGS8B60K IRGSL8B60K IRGB8B60K |
INSULATED GATE BIPOLAR TRANSISTOR 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package
|
http:// IRF[International Rectifier]
|
MURS360-B MURS340-B |
Super Fast Recovery Pack: SMB SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE拢潞400V TO 600V CURRENT拢潞 3.0A SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE?00V TO 600V CURRENT 3.0A
|
Gulf Semiconductor
|
IRGB6B60K IRGS6B60K IRGSL6B60K |
600V UltraFast 10-30 kHz IGBT in a TO-220AB package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4BC30U-S |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT(Vces=600V, Vce(on)typ. = 1.95V, @Vge=15V, Ic=12A) 绝缘栅双极晶体管IGBT的速度超快速(VCES和\u003d 600V电压的Vce(on)的典型。\u003d 1.95V,@和VGE \u003d 15V的,集成电路\u003d 12A条) 600V UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp.
|
IRGB10B60KD IRGSL10B60KD IRGS10B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier
|
IRG4BC20KDS IRG4BC20KD-S IRG4BC20KD-STRL IRG4BC20K |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.27V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0 INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V Vce(on)typ.=2.27V @Vge=15V Ic=9.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC40U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
|
International Rectifier
|