PART |
Description |
Maker |
BF393 BF393_D ON0206 |
High Voltage Transistors(NPN) From old datasheet system CASE 29-4, STYLE 1 TO-2 (TO-26AA) HIGH VOLTAGE TRANSISTOR(NPN SILICON) High Voltage Transistor(NPN)
|
Motorola Inc ON Semiconductor Motorola, Inc
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
BUL53B |
ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 12 A, 250 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SC5077 2SC5077A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 7 A, 500 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SC3970 2SC3970A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 1.5 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-220F
|
Panasonic, Corp. Panasonic Corporation Panasonic Semiconductor
|
BUL72A |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2SC4942 2SC4942AA3 2SC4942AA1 2SC4942AA2 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 1A I(C) | TO-243VAR NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
|
NEC Corp. NEC[NEC]
|
KSC5039 KSC5039H2 |
High Voltage Power Switch Switching Application 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 NPN Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BUL804 |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FTSO5551 FTSO5550 2N5681 2N5682 |
NPN small signal high voltage general purpose amplifier . 1.0 Amp 10 watt NPN-PNP complementary power.
|
Fairchild Semiconductor
|
FJP13009TU |
High Voltage Fast-Switching NPN Power Transistor 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|