PART |
Description |
Maker |
PV9F2T0NS31 PV922Y0NS31 PV922T0NS31 PV922V0NS31 PV |
pV9 SerieS anti-Vandal Switch
|
E-SWITCH
|
PV6F2P0N1G2G PV6F2P0N1G31 PV6H2P0N1G23 PV6H2P0N1G2 |
pV6 SerieS anti-Vandal Switch pV6 SerieS anti-Vandal Switch
|
E-SWITCH
|
PAV22SMS1N0 PAV22SLS1D110 PAV22SMS1D110 PAV22SLS1B |
Anti-Vandal Pushbutton Switch - Mounting Hole 22mm Anti-Vandal Pushbutton Switch - Mounting Hole 22mm
|
GREATECS
|
MSM30DPPI MSM30DPRI MSM30DPST |
Vandal-proof MSM DP switch
|
Schurter Inc.
|
HGTP12N60A4D HGT1S12N60A4DS HGTG12N60A4D HGTG12N60 |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 5x11 mm; Packaging: Bulk
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
1T412 |
Variable Capacitance Diode Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push
|
SONY[Sony Corporation]
|
HGT1S7N60B3DS HGTP7N60B3D HGT1S7N60B3DS9A |
14A/ 600V/ UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode 14 A, 600 V, UFS N-Channel IGBT with Anti-Parallel Hyperfast Diode 14A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 7A I(C) | TO-263AB
|
FAIRCHILD[Fairchild Semiconductor]
|
HGT1S3N60B3DS HGTP3N60B3D FN4414 |
7A/ 600V/ UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HGT1N40N60A4 HGT1N40N60A4D |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V的,开关电源系列N沟道IGBT的与反平行Hyperfast二极 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Fairchild Semiconductor, Corp.
|
HGTG12N60C3D FN4043 |
24 A, 600 V, N-CHANNEL IGBT, TO-247 From old datasheet system 24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 24A/ 600V/ UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
INTERSIL[Intersil Corporation]
|
1T397 |
SWITCH, VANDAL RESISTANT SEALED; Switch function type:SPDT Mom; Voltage, contact AC max:50V; Voltage, contact DC max:50V; Temp, op. max:70(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:19.2mm; Length / Height, RoHS Compliant: Yes
|
Sony Corporation
|