PART |
Description |
Maker |
MX29LV004CBTI-55Q MX29LV004CTTI-55Q MX29LV002CTTC- |
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 8 FLASH 3V PROM, 55 ns, PDSO40 2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 8 FLASH 3V PROM, 90 ns, PDSO32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 8 FLASH 3V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 8 FLASH 3V PROM, 70 ns, PDSO40
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
MX29LV800CTXHC-90 MX29LV800CTXHC-90G MX29LV800CBXH |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 8M X 16 FLASH 3V PROM, 90 ns, PBGA48 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 8M X 16 FLASH 3V PROM, 90 ns, PDSO48 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 8M X 16 FLASH 3V PROM, 70 ns, PDSO48 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 8M X 16 FLASH 3V PROM, 70 ns, PDSO44 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 800万位[1Mx8/512K x16] CMOS单电V时仅闪存 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PDSO44 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 8M X 16 FLASH 3V PROM, 70 ns, PBGA48 8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 16 FLASH 3V PROM, 55 ns, PDSO48
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
MX29LV320MLTC-90G MX29LV320MLTI-90G MX29LV320MHTI- |
32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 2M X 16 FLASH 3V PROM, 90 ns, PDSO56
|
Macronix International Co., Ltd.
|
MX29LV017BTI-70G MX29LV017BTC-70G |
16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 8 FLASH 3V PROM, 70 ns, PDSO40
|
Macronix International Co., Ltd.
|
LPC2478FET208551 LPC247808 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface, SOT950-1 (TFBGA208), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA208
|
NXP Semiconductors N.V.
|
MX29LV004TTI-90 MX29LV004TQI-70 |
Single Output LDO, 100mA, Adj.(0.7 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 -40 to 125 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Macronix International Co., Ltd.
|
LPC2458FET180551 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface; Package: SOT570-2 (TFBGA180); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA180
|
NXP Semiconductors N.V.
|
29LV800BT-70 29LV800BB-70 29LV800BB-90 29LV800BT-9 |
8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 512K X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd.
|
MX29LV040CQI-70G |
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Macronix International Co., Ltd.
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72124JX-AUTO ST72334J4TA_XXX ST72334J4TB_XXX ST7 |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
|