PART |
Description |
Maker |
BAT42W BAT43W |
400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
CDBH3-A-HF CDBH3-54C-HF CDBH3-54A-HF |
Halogen Free Small Signal Schottky, V-RRM=30V, V-R=30V, I-O=200mA Small Signal Schottky Diodes
|
Comchip Technology
|
2N1987 2N1990 2N2237 2N2102A 2N2309 2N2405 2N2479 |
Leaded Small Signal Transistor General Purpose SMALL SIGNAL TRANSISTORS 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 SMALL SIGNAL TRANSISTORS 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 CABLE TIE MINI NAT 4.2,1 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
CENTRAL[Central Semiconductor Corp] Seme LAB Raytheon Company ETC Central Semiconductor Corp. Central Semiconductor, Corp.
|
BAT41 3292 |
SMALL SIGNAL SCHOTTKY DIODE From old datasheet system SMALL SIGNAL SCHOTTKY DIODE
|
ST Microelectronics STMicroelectronics
|
BAT54CFILM BAT54SFILM BAT54AFILM BAT54FILM 5505 BA |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE From old datasheet system
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FTR-K1CK005T-KS FTR-K1-KS FTR-K1AK005T-KS FTR-K1CK |
POWER RELAY 1 POLE - 16A / Inrush 120A relay POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 18VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.033A (COIL), 12VDC (COIL), 400mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU LTD
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
|