PART |
Description |
Maker |
NCP5901EMNTBG |
Compatible Synchronous Buck MOSFET Drivers
|
ON Semiconductor
|
NCP81161MNTBG NCP81161MNTWG |
VR12.5 Compatible Synchronous Buck MOSFET Drivers
|
ON Semiconductor
|
ISL6622AIBZ ISL6622AIRZ ISL6622ACRZ ISL6622ACBZ IS |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 3 A AND GATE BASED MOSFET DRIVER, PDSO10 VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 3 A AND GATE BASED MOSFET DRIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
ISL6622B ISL6622BIRZ ISL6622BIBZ ISL6622BCBZ-T ISL |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 3 A AND GATE BASED MOSFET DRIVER, PDSO8 VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R 3 A AND GATE BASED MOSFET DRIVER, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ISL6620AIBZ ISL6620ACRZ ISL6620AIRZ ISL6620CBZ ISL |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 4 A AND GATE BASED MOSFET DRIVER, PDSO10 VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 4 A AND GATE BASED MOSFET DRIVER, PDSO8 VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 4 A AND GATE BASED MOSFET DRIVER, PDSO8
|
Intersil Corporation Intersil, Corp.
|
MCP1601 |
The MCP1601 is a synchronous Buck (step-down) switching regulator that can continuously supply 500mA of load current. This DC/DC converter can provide output voltages of 0.9V to Vin with an operating efficiency that can exceed 92%. Althoug 500 mA Synchronous BUCK Regulator From old datasheet system
|
Microchip Technology
|
IRU3007 IRU3007CW IRLR024 MBRB1035 HIP6019 IRL3103 |
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK / NON-SYNCHRONOUS /ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK/ NON-SYNCHRONOUS/ADJUSTABLE LDO AND 200mA ON-BOARD LDO 5 Bit Prog SynchBuck CIC Non Synch Adj LDO 200mA in a 28-Pin SOIC(WB) package
|
IRF[International Rectifier]
|
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
ISL6420IAZ-TK ISL6420IR-T ISL6420 ISL6420IA ISL642 |
PCB Relay; Contacts:SPDT; Contact Carry Current:500mA; Coil Voltage DC Max:9V; Relay Terminals:SMT Gullwing; Coil Resistance:405ohm; Contact Rating:10mA at 30VAC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller 0.7 A SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PQCC20
|
http:// Intersil Corporation Intersil, Corp.
|
AOZ1021 AOZ1021AI |
EZBuck 3A Synchronous Buck Regulator EZBuck⑩ 3A Synchronous Buck Regulator
|
Alpha & Omega Semiconductors
|
FAN53418 FAN53418M FAN53418MX |
Synchronous DC-DC MOSFET Driver 2 to 4 Phase 6-bit VID-Controlled Synchronous Buck Controller
|
FAIRCHILD[Fairchild Semiconductor]
|