PART |
Description |
Maker |
735-450-BU 735-450-DU 735-450-CU 735-450-EU 735-45 |
450 KHz 4 Element
|
Oscilent Corporation
|
TCS450 |
450 Watts, 45 Volts, Pulsed Avionics 1030 MHz TCAS 1030 MHz, Class C, Common Base, Pulsed; P(out) (W): 450; P(in) (W): 100; Gain (dB): 6.5; Vcc (V): 45; Pulse Width (µsec): 32; Duty Cycle (%): 2; Case Style: 55KT-1 L BAND, Si, NPN, RF POWER TRANSISTOR
|
MICROSEMI POWER PRODUCTS GROUP GHz Technology Microsemi, Corp.
|
ICL766005 ICL7660CBAZ ICL7660CBAZA ICL7660CPAZ ICL |
CMOS Voltage Converters; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R SWITCHED CAPACITOR CONVERTER, 10 kHz SWITCHING FREQ-MAX, PDSO8 Simple Conversion of 5V Logic Supply to ±5V Supplies
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
NCP1550SN25T1G |
600 kHz PWM/PFM Step−Down DC−DC Controller 0.1 A SWITCHING CONTROLLER, 690 kHz SWITCHING FREQ-MAX, PDSO5
|
ON Semiconductor
|
ISL97645A ISL97645AIRZ ISL97645AIRZ-T ISL97645AIRZ |
Boost VON Slice VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 2.9 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, PQCC24
|
Intersil, Corp. Intersil Corporation
|
ISL97642 ISL97642IRTZ ISL97642IRTZ-T |
TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -40°C to 85°C; Package: 32-TQFN T&R 3.3 A SWITCHING REGULATOR, 1350 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp. Intersil Corporation
|
ISL6313CRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications; Temperature Range: 0°C to 70°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp.
|
ISL98012IUZ-T |
1.8V Input PWM Step-Up Regulator; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO10
|
Intersil, Corp.
|
RA30H4552M110 |
450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
|
Mitsubishi Electric Semiconductor
|