PART |
Description |
Maker |
MAX9205 MAX9207 MAX9205-MAX9207 MAX9207EAI MAX9205 |
10-Bit Bus LVDS Serializers From old datasheet system "10-Bit, Bus LVDS Serializers"
|
MAXIM[Maxim Integrated Products]
|
MAX9206 |
(MAX9206 / MAX9208) 10-Bit Bus LVDS Deserializers
|
Maxim Integrated Products
|
PI90LVB16L |
3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
|
Pericom Semiconductor C...
|
74LVT1403 74LVT1403DR |
3.3V combined 8-bit bus receiver and 4-bit bus driver 3.3联合8位总线接收器和4位公共汽车司 3.3V combined 8-bit bus receiver and 4-bit bus driver LVT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO32
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
AD9781BCPZRL AD9781 AD9781-EBZ AD9781BCPZ AD9783 |
Dual 14-Bit, LVDS Interface 500 MSPS DAC; No of Pins: 72; Temperature Range: Industrial PARALLEL, WORD INPUT LOADING, 14-BIT DAC, QCC72 Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
|
Analog Devices, Inc.
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDTQS32XVH245Q2 IDTQS32XVH245Q2G IDTQS32XVH245 QS3 |
3.3V 16-Bit Bus Switch for Hot Swap applications 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO40
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
FSTUD16450 FSTUD16450MTD FSTUD16450GX FSTUD16450MT |
Bus Switch CBT/FST/QS/5C/B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCH162245 IDT74ALVCH162245PA IDT74ALVCH1622 |
3.3V CMOS 16-BIT BUS-TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT74ALVCH16271 74ALVCH16271_DS_48097 |
3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
FSTU32160 FSTU32160MTDX |
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection From old datasheet system Bus Exchanger
|
Fairchild Semiconductor
|
MC100H680 MC100H680FN MC10H680 MC10H680FN ON0804 M |
From old datasheet system 4-Bit Differential ECL Bus/TTL Bus Transceiver 4-Bit Differential ECL Bus/TTL Bus Transceciver
|
ONSEMI[ON Semiconductor] Motorola, Inc
|