PART |
Description |
Maker |
H.QL5-300KV-5.0A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
3QL5-400KV-2.5A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
QL5-500KV-0.2A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
H.QLG5-300KV-5.0A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
H.QL5-400KV-2.5A |
High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
|
Anshan Suly Electronics
|
GBA35M GBA35M-15 |
Block Type Avalanche Automotive Rectifier Block Type Avalanche Automotive Rectifier Voltage Range 37-41 Volts Current 35 Amps
|
GOOD-ARK Electronics
|
LHV37 LHV37D12 LHV37D16 LHV37D20 LHV37D24 LHV37D28 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 75; IFSM (A): 1500; Vrwm (V): 36000; IR (µA): 6000; High Voltage Rectifier Assembly
|
MICROSEMI CORP-COLORADO Microsemi Corporation http://
|
399100104 0399100104 |
10.16mm (.400) Beau Eurostyle? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 4 Circuits 10.16mm (.400") Beau垄芒 Eurostyle垄芒, Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 4 Circuits
|
Molex Electronics Ltd.
|
SUM40F SUM25FSMS |
(SUM20F - SUM50F) HIGH VOLTAGE RECTIFIER (SUM20FSMS - SUM50FSMS) HIGH VOLTAGE RECTIFIER
|
SSDI
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
HVR-1X-40B SHV-20 SHV-16 UX-F0B SHV-02 SHV-03 SHV- |
9kV,High-Voltage Rectifier Diodes(9kV,高压整流二极 0.35 A, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 4.5 V, SILICON, SIGNAL DIODE Ultra low profile, Two-piece, Discrete wire, FPC, and fine coaxial cable connectors; HRS No: 685-0018-5 05; No. of Positions: 14; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Ground plate for FPC type High-Voltage Rectifier Diodes
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric] http://
|
GBA35L-15 |
Block Type Avalanche Automotive Rectifier Voltage Range 20-24 Volts Current 35 Amps
|
GOOD-ARK Electronics
|