PART |
Description |
Maker |
K8AB-TH11S K8AB-TH K8AB-TH12S |
Temperature Monitoring Relay
|
Omron Electronics LLC
|
ST3FSM5 ST4FSM5 ST3FTP0 ST4FTP0 ST37001 ST37002 ST |
Accessories Slim Interface Relay SNR
|
Tyco Electronics
|
RPML0024 RPML0110 RPML0524 RPML0730 RY78600 RY7862 |
Accessories Miniature PCB Relay RYII
|
Tyco Electronics http://
|
DPA55CM44 |
3 phase monitoring relay;phase sequence;phase loss;undervoltage;overvoltage
|
brain
|
RIF-4-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
|
PHOENIX CONTACT
|
6N140A/883B200 6N140A/883B600 |
NPN-OUTPUT DC-INPUT OPTOCOUPLER 3V Voltage Monitoring, Low-Cost, µP Supervisory Circuits 3V Voltage Monitoring, Low-Cost, µP Supervisory Circuits npn型输出DC -输入光耦合
|
Avago Technologies, Ltd.
|
ADM706P ADM706PAN ADM706PAR ADM706R ADM706RAN ADM7 |
3 V, Voltage Monitoring uP Supervisory Circuits 3 V/ Voltage Monitoring uP Supervisory Circuits Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:SPST; Package/Case:16-SOIC; Leaded Process Compatible:No; Leakage Current:1nA; No. of Channels:4; On Resistance, Rds(on):100ohm; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3 V, Voltage Monitoring uP Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 ECONOLINE: REC3-DRWI/A - 3W DIP Package Isolated Dual Outputs Vout1 / Vout2- Input / Output 2KVDC Isolation min.- UL94V-0 Package Material- Continuous Short Circiut Protection Auto-Restarting (V1)- Wide Input 2:1- Internal SMD design- 100% Burned In
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
RIF-0-RPT-12DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
ES62UL256-45TC ES62UL256 ES62UL256-25SC ES62UL256- |
REED RELAY 32Kx8位超低功耗异步静态RAM Dry Reed Relay; Relay Terminals:Thru Hole 32Kx8位超低功耗异步静态RAM 32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
|
Electronic Theatre Controls, Inc. NanoAmp Solutions, Inc. ETC[ETC]
|