PART |
Description |
Maker |
T541X477M006AH6530 |
Capacitor, Tantalum, 470 uF, 7343, /-20% Tol, 6.3 VDC (85C), Failure Rate=A
|
Kemet Corporation
|
109D706X9015F2E3 109D706X9015F0E3 109D826X0075F2B |
CAP 70UF 15VDC 10% 7.52 X 17.86MM AXL PLASTIC - Trays CAP 70UF 15VDC 10% 7.14 X 16.26MM AXL PLASTIC - Trays AXIAL,WET TA,82UF,75V,20%,F CASE,EX-RNG,SLV'D - Bulk CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 8.2 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 8 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 5.16 X 13.08MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 2.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAP 25UF 8VDC 20% 4.75 X 11.51MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 30 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 8 V, 430 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 430UF 30VDC 20% 10.31 X 23.4MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 1.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 4.5 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 360UF 50VDC 20% 9.53 X 26.97MM AXL PLASTIC - Trays CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 540 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 30 V, 40 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 125 V, 9 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT
|
Vishay Sprague
|
TR3B227M0040700 TR3A335M020E4000 TR3A2260041500 TR |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Low ESR CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 1206, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 2917, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 1206, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 10 uF, SURFACE MOUNT, 2412, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 5 V, 1 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Siliconix Vishay Sprague
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
CWR06NB474JPB CWR06NB474JCB CWR06NB474JBA CWR06NB3 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.47 uF, SURFACE MOUNT, 2005, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.33 uF, SURFACE MOUNT, 1505, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6 V, 4.7 uF, SURFACE MOUNT, 2005, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.68 uF, SURFACE MOUNT, 1510, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.15 uF, SURFACE MOUNT, 1005, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 1 uF, SURFACE MOUNT, 2010, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 1.5 uF, SURFACE MOUNT, 1510, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 3.3 uF, SURFACE MOUNT, 2214, CHIP
|
Vishay Sprague
|
TAJB106K016YNJ TAJC226K025Y |
CAP 10UF 16V 10% TANT SMD-3528-21 TR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
AVX, Corp.
|
597D337X96R3V8T 597D687X96R3E2T |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 3017, CHIP Solid Tantalum Chip Capacitors
|
Vishay Sprague Vishay Siliconix
|
TLSVZD0G337M12RE TLSVZD0J107M12RE TLSVZD0G227M12RE |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 330 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 220 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 150 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT
|
NEC TOKIN, Corp.
|
C274AC25120AA0J |
Capacitor, film, 12 uF, /-5% Tol, 470 VAC, Motor Run
|
Kemet Corporation
|
C274AC24300AA0J |
Capacitor, film, 3 uF, /-5% Tol, 470 VAC, Motor Run
|
Kemet Corporation
|
|