PART |
Description |
Maker |
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
TC.068-20C0AE TC1.0-35C3AM TC1.5-15C2RM037 TC1.0-2 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 0.068 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 1 uF, THROUGH HOLE MOUNT, AXIAL LEADED TC Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-polar CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 1 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 25 V, 1 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 25 V, 3.3 uF, THROUGH HOLE MOUNT, RADIAL LEADED Optocoupler DC-IN 4-CH Transistor DC-OUT 4-Pin Mini-Flat T/R Optocoupler DC-IN 1-CH Transistor DC-OUT 4-Pin Mini-Flat T/R CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 35 V, 3.3 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 15 V, 10 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 10 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 2 V, 10 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 20 V, 4.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED
|
Vishay Sprague
|
CWR06NB474JPB CWR06NB474JCB CWR06NB474JBA CWR06NB3 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.47 uF, SURFACE MOUNT, 2005, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.33 uF, SURFACE MOUNT, 1505, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6 V, 4.7 uF, SURFACE MOUNT, 2005, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.68 uF, SURFACE MOUNT, 1510, CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.15 uF, SURFACE MOUNT, 1005, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 1 uF, SURFACE MOUNT, 2010, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 1.5 uF, SURFACE MOUNT, 1510, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 3.3 uF, SURFACE MOUNT, 2214, CHIP
|
Vishay Sprague
|
135D606X0050T6 135D706X0015F2 135D405X0060C0 135D4 |
CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 50 V, 60 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 15 V, 70 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 60 V, 4 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, NON SOLID, POLARIZED, 100 V, 43 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAP 55UF 125VDC 20% 10.32 X 28.6MM AXL PLASTIC - Trays CAP 560UF 10VDC 20% 7.93 X 17.88MM AXL PLASTIC - Trays CAP 560UF 25VDC 20% 9.53 X 19.46MM AXL PLASTIC - Trays CAP 30UF 6VDC 20% 5.57 X 13.08MM AXL PLASTIC - Trays Wet Tantalum Capacitors Tantalum-Case
|
Vishay Sprague Vishay Siliconix
|
CTC1D6.8UF106.3VG CTC1D6.8UF206.3VG CTC1D6.8UF206. |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 6.8 uF, SURFACE MOUNT, 1510 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 6.8 uF, SURFACE MOUNT, 2010 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.68 uF, SURFACE MOUNT, 1510 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 0.68 uF, SURFACE MOUNT, 1005 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 0.68 uF, SURFACE MOUNT, 1505 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 40 V, 0.68 uF, SURFACE MOUNT, 2005 CHIP
|
EXXELIA Group
|
T528W337M2R5ATE009 |
Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.5mm
|
Kemet Corporation
|
200D967X0015A1 202D967X0015A1 202D677X0125B4 200D6 |
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX㈢ ComponentsTANTAPAK㈢ Capacitor Assemblies Wet Tantalum Capacitors Wet Sintered Anode TANTALEX? ComponentsTANTAPAK? Capacitor Assemblies Wet Tantalum Capacitors Wet Sintered Anode TANTALEX庐 ComponentsTANTAPAK庐 Capacitor Assemblies Wet Tantalum Capacitors Wet Sintered Anode TANTALEX垄莽 ComponentsTANTAPAK垄莽 Capacitor Assemblies Wet Tantalum Capacitors Wet Sintered Anode TANTALEX? ComponentsTANTAPAK? Capacitor Assemblies
|
http:// Vishay Siliconix
|
T530D337M006ATE006 |
Tantalum, Polymer Tantalum, Multi-Anode, T530, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T541X337M016BH6510 |
T541_COTS, Tantalum, Polymer Tantalum, COTS Multi-Anode, 330 uF, 20%, 16 V, SMD, Polymer, Molded, COTS, Multi-Anode, Low ESR, B (0.1%/1000 Hrs), 50 mOhms, 7343, Height Max = 4.3mm
|
Kemet Corporation
|
B45196L047750 B45196L068620 B45196L068630 B45196L0 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT Tantalum Chip Capacitors Tantalum Chip Capacitors
|
爱普科斯(中国)投资有限公司 EPCOS http://
|
G6B-1174C-US G6B-1174CUS12VDC G6B-1174CUS24VDC G6B |
Soft-Start Modules; 240 Vac; .04-10 Amp; AC Output IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 20V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel RESISTOR,1%,6.04K OHM,MTL FILM RELAY SOFTSTART 25A 120VAC ACOUT Analog Input Power Controller Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 超小型继电器,开关多 Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 20V; Case Size: 7.3x2.8 mm; Packaging: Tape & Reel 超小型继电器,开关多 FILTER, SSR 3 PHASE 超小型继电器,开关多 Sub-miniature Relay that Switches up to 5 A 超小型继电器,开关多5
|
Omron http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
|