PART |
Description |
Maker |
TD7623AFN EE08926 |
From old datasheet system 3-WIRE AND 12C BUS SYSTEM, 2.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV 3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
|
TOSHIBA[Toshiba Semiconductor]
|
FAITD260 D2TZM1-150M D2TZM1-275 FAITD15 FAITD55 FA |
Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: DIP4; Surface Mount Type: Y/N; Number of Pins: 4; Trigger LED Current Regulator; Features: Low current output; Note: Surface-mount PW-MOLD(SOT-89) package; Comments: 60V load dump; V OUT (%): (max /-10) Regulator; Features: Medium current output; Note: Isolation package; Comments: 60V load dump; V OUT (%): (max /-3) Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: 2.54SOP4; Surface Mount Type: Y; Number of Pins: 4; Trigger LED Current Series Regulators; Surface Mount Type: Y/N; Package: PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: High current output; Note: Surface-mount PW-MOLD package; V OUT (%): (max /-4) Series Regulators; Surface Mount Type: N; Package: New PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: High current output; Note: Surface-mount PW-MOLD package Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 13.5V (15V); Io (lpeak): 0.8A (1A); Channel: 2-ch; PWM Drive: direct PWM; Package: QON24; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 30V (50V); Io (lpeak): 1A (2.5A); Channel: 1-ch; PWM Drive: direct PWM & constant current PWM; Package: HSOP16; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 36V (40V); Io (lpeak): (1.5A); Channel: 2-ch; PWM Drive: direct PWM; Package: NDIP24; RoHS Compatible: yes Logic IC 逻辑IC Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 27V (30V); Io (lpeak): 1.5A (3A); Channel: 1-ch; PWM Drive: n/a; Package: HZIP7; RoHS Compatible: yes‡ Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 30V (50V); Io (lpeak): 1A (2.5A); Channel: 1-ch; PWM Drive: direct PWM & constant current PWM; Package: HSOP16; RoHS Compatible: yes Operational Amplifier ICs and Comparator ICs; Surface Mount Type: Y; Package: US8; Number of Pins: 8; Features: push-pull output
|
L-com, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc.
|
HF507S-21-0X HF507-41-01 HF507S-31-0X HF507S-41-72 |
Non-ZIF 90° Socket Direct Mating Type
|
Yamaichi Electronics Co., Ltd. Yamaichi Electronics Co...
|
SO15P |
Direct/indirect twin pole mount
|
Lumins Inc.
|
LNG802RPD LNG302GPU LNG802SPS |
Direct Joint Type SINGLE COLOR LED, ORANGE, 5.3 mm
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
SEL4829A SEL4029 SEL4929A SEL4229R SEL4429E SEL472 |
3.1phi Bow-shaped LED (Direct Mount)
|
SANKEN[Sanken electric]
|
SEL5020 SELU5E20C SEL5220S SEL5420E SEL5520C SEL56 |
5-mm Pitch Lead Rectangular LED (Direct Mount)
|
SANKEN[Sanken electric]
|
SEL5023 SELU5E23C SEL5223S SEL5423E SEL5523C SEL57 |
5-mm Pitch Lead Bow-shaped LED (Direct Mount)
|
SANKEN[Sanken electric]
|
SEL6014 SELS6B14C SEL6214S SEL6414E SEL6414E-TG SE |
3phi Round Wide-directivity LED (Direct Mount)
|
http:// SANKEN[Sanken electric]
|
SEL6014 SEL6714K SEL6714W |
3phi Round Wide-directivity LED (Direct Mount)
|
Sanken Electric Co.,Ltd.
|
EE-SX470P EE-SX471P |
Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
|
Omron Electronics LLC
|
TD7624AFN |
3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
|
Toshiba Semiconductor
|