PART |
Description |
Maker |
X6756M B39234-X6756-M100 |
SAW bandpass filter Bandpass Filter for Digital Cable Applications
|
EPCOS[EPCOS]
|
LFB2H2G45SG7A204 |
FILTER,BANDPASS,2.4GHZ,SMT 2450 MHz, BAND PASS FILTER
|
Honeywell International, Inc.
|
X7256D B39570-X7256-N201 |
1 FUNCTIONS, 57.08 MHz, SAW-VIDEO/SOUND FILTER SAW Components Bandpass Filter
|
EPCOS AG
|
X7255D B39360-X7255-N201 |
1 FUNCTIONS, 36 MHz, SAW-VIDEO/SOUND FILTER SAW Components Bandpass Filter
|
EPCOS AG EPCOS[EPCOS]
|
XF6001 XF6001-15 |
HOME PHONE NETWORKING BANDPASS AND 10BASE-T FILTER 10 BASE - T FILTER
|
XFMRS Inc.
|
TMXW352 TEMEXCOMPONENTS-TMXW352 |
SAW Bandpass Filter - WCDMA Tx - RF 1 FUNCTIONS, 1950 MHz, SAW FILTER
|
Rakon France SAS TEMEX
|
TMXW350 |
SAW Bandpass Filter - K-PCS Tx - RF 1 FUNCTIONS, 1765 MHz, SAW FILTER
|
Rakon France SAS TEMEX
|
TMXAT11 |
SAW Bandpass Filter - WCDMA Tx - RF 1 FUNCTIONS, 1950 MHz, SAW FILTER
|
Rakon France SAS TEMEX
|
FAR-F3DA-44M736-G999 FAR-F1DA FAR-F1DA-12M624-G201 |
TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) BAND PASS FILTER Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70 定时提取带通滤波器1.5100MHz Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70 定时提取带通滤波器.500MHz TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) 定时提取带通滤波器1.5100MHz TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz) 定时提取带通滤波器.500MHz DIODE SMALL-SIGNAL 75V 300MA AXIAL DO-35 定时提取带通滤波器.500MHz Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 900301001 DIODE SWITCHING SINGLE 75V 150mA-Io 500mW 4ns-trr DO35-GLASS 10K/REEL-13 MAC7111 EXT BUS,16CH A/D DIODE SWITCHING SINGLE 75V 150mA-Io 500mW 4ns-trr DO35-GLASS 10K/AMMO RECTIFIER STANDARD SINGLE 1A 1000V 1000 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 Timing extraction bandpass filter (1,5 to 100MHz)
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
X9650M B39440-X9650-M100 |
Bandpass Filter
|
http:// EPCOS[EPCOS]
|
2567 |
Bandpass Filter
|
KR Electronics, Inc.
|
2252-4 |
Bandpass Filter
|
KR Electronics, Inc.
|