PART |
Description |
Maker |
LT6200-5-15 |
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
|
Linear Technology
|
LT6200-10 LT6200-5 LT6200CS6 LT6200CS6-10PBF LT620 |
165MHz, Rail-to-Rail Input and Output, 0.95nV/隆卯Hz Low Noise, Op Amp Family 165MHz, Rail-to-Rail Input and Output, 0.95nV/??z Low Noise, Op Amp Family 165MHz, Rail-to-Rail Input and Output, 0.95nV/√Hz Low Noise, Op Amp Family
|
Linear Technology http://
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
BUS-66300II-883B BUS-66301II-883B BUS-66301II-B |
Rail-to-rail input/output 20 MHz GBP operational amplifiers Rail-to-rail input/output 8 MHz operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Advanced Analog Technology, Inc.
|
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1810 LT1806 LT1807 |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps Dual 325MHz, Rail-to-Rail Input and Output, Low DistortionPrecision Op Amp
|
Linear Technology
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|
NJM2590V NJM2590 |
Single 1.8-V Operational Amplifier with Rail-To-Rail Input and Output and Shutdown 6-SOT-23 -40 to 125 455kHz INPUT FM IF DEMODULATOR IC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
LT1884 LT1884ACN8 LT1884ACS8 LT1884AIN8 LT1884AIS8 |
Dual/Quad Rail-to-Rail Output/ Picoamp Input Precision Op Amps From old datasheet system Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 125 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDIP8
|
LINER[Linear Technology] Linear Technology, Corp.
|
LV2460 LV2460G-AG6-R LV2460L-AG6-R LV2461G-AF5-R L |
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
|
Unisonic Technologies
|