PART |
Description |
Maker |
XR22800IL32TR-F XR22800IL32-F |
Hi-Speed USB to 10/100 Ethernet Bridge
|
Exar Corporation
|
LAN7500 |
Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
|
SMSC Corporation
|
HI5731 HI5731BIB HI5731BIP HI5731-EVS FN4070 |
12-Bit, 100 MSPS, High Speed D/A Converter 12位,100 MSPS的,高速D / A转换 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
10-00651 |
Cable, 100 mm, USB A receptacle to USB mini B 5P male, 28 AWG, 30-00088 wire
|
Tensility International Corp.
|
3341-6 |
3M Pak 100 Header Accessories .100?× .100?Latch/Ejector
|
3M Electronics
|
MTY100N10E ON2707 Y100N10E |
TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM 100 A, 100 V, 0.011 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
FCP-34-SG-E FCP-34-SG |
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
|
Adam Technologies, Inc.
|
2N5003 2N6192 2N6193 2N5005 2N6188 2N6189 |
100 V, 10 A high speed PNP transistor 5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
|
Solid State Devices Inc Solid States Devices, Inc
|
KL5KUSB221 |
USB 2.0 to 100 Base-T ethernet controller
|
Kawasaki LSI
|
CY7C68013A-56LFC CY7C68015A-56LFC |
EZ-USB FX2LP USB microcontroller. High-speed USB peripheral controller. RAM size 16K. Prog. I/Os 24.
|
Cypress
|
CY7C64713 CY7C64713-100AXC CY7C64713-128AXC CY7C64 |
EZ-USB FX1⑩ USB Microcontroller Full-speed USB Peripheral Controller
|
Cypress Semiconductor
|