PART |
Description |
Maker |
AM188EM AM186EM-40VC_W |
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
AMD
|
AM188EM-33KCW AM188EM-33VC/W AM188EM-25VC/W AM188E |
16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 PLASTIC, QFP-100 High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers MICROCONTROLLER, PQFP100 High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers 16-BIT, 25 MHz, MICROPROCESSOR, PQFP100 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 TQFP-100 16-BIT, 20 MHz, MICROCONTROLLER, PQFP100 TQFP-100 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 TQFP-100 High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers 16-BIT, 20 MHz, MICROPROCESSOR, PQFP100 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 PLASTIC, QFP-100
|
Advanced Micro Devices, Inc.
|
AM188ER-50KIW AM186ER-33KIW AM186ER-33VIW AM186ER- |
High-performance, 80C188 compatible, 16-Bit embedded microcontrollers with RAM, 50 MHz High-performance, 80C186 compatible, 16-Bit embedded microcontrollers with RAM, 33 MHz High-performance, 80C186 compatible, 16-Bit embedded microcontrollers with RAM, 25 MHz
|
Advanced Micro Devices
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
5962-9951901QYA 5962-9951902QYA 5962-9952001QYA 59 |
5V, ISR high-performance CPLDs, 64 macrocells, 125MHz 5V, ISR high-performance CPLDs, 64 macrocells, 154MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 128 macrocells, 83MHz 3.3V, ISR high-performance CPLDs, 256 macrocells, 66MHz 5V, ISR high-performance CPLDs, 512 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 512 macrocells, 66MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 143MHz
|
Cypress
|
ADG406 ADG407 ADG407BN ADG407BCHIPS |
8-/16-Channel High Performance Analog Multiplexers(16通道高性能模拟多路复用 8-/16-Channel高性能模拟多路复用器(16通道高性能模拟多路复用器) LC2MOS 8-/16-Channel High Performance Analog Multiplexers 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 15 V, 8 Channel, High Performance Analog Multiplexer LC2MOS 15V 16 Channel High Performance Analog Multiplexer LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
HCMS-39X6 HCMS-3906 HCMS-3907 HCMS-3916 HCMS-3917 |
HCMS-3977 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3976 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3967 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3966 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3917 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3916 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3907 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3906 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HPC0402A |
SMD silicon capacitor up to 15 GHz;
High-performance; high-precision; High Performance/ High Precision Surface Mount 0402 Capacitor High Performance, High Precision Surface Mount 0402 Capacitor
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
ATF1508Z ATF1508ASZ-25QC100 ATF1508ASZ-25QC160 ATF |
High Performance E2 PLD High Performance E2 PLD EE PLD, 25 ns, PQCC84 High Performance E2 PLD EE PLD, 20 ns, PQCC84 High Performance E2 PLD EE PLD, 15 ns, PQFP160 High Performance E2 PLD EE PLD, 15 ns, PQFP100 CAC 7C 7#16S PIN RECP BOX ER 2C 2#8 PIN RECP BOX CAC 6C 6#16S PIN RECP BOX CAC 14C 14#16 PIN RECP BOX AB 14C 14#20 SKT RECP High Performance E2PLD
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AAT3218IJS-3.5-T1 AAT3218 AAT3218IGV-1.2-T1 AAT321 |
150mA MicroPower High Performance LDO 150mA MicroPower垄芒 High Performance LDO 150mA MicroPower⑩ High Performance LDO
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
|