PART |
Description |
Maker |
PLFR3502-3506 |
35.0 Amp LUCAS AUTO PRESSFIT 35.0 Amp LUCAS AUTO PRESSFIT High surge current capability
|
FCI connector First Components International
|
PTYFR3502-3506 PTYFR3504 PTYFR3506 |
35.0 Amp Y-LEAD TIN CAN AUTO DIODE 35.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
|
FCI connector First Components International First Components Intern...
|
ISL12023IVZ-T |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R REAL TIME CLOCK, PDSO14 Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP REAL TIME CLOCK, PDSO14
|
Intersil, Corp.
|
AD8563ARMZ-R2 AD8563ARMZ-REEL ANALOGDEVICESINC-AD8 |
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
|
Analog Devices, Inc. ANALOG DEVICES INC
|
PMFR3502-3506 PMFR3504 PMFR3506 |
35.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
|
FCI connector First Components International
|
1274239-4 |
Coaxial Snap-Lock ( Auto ); CONTACT, MALE, RG62U, MODIFIED ( AMP )
|
Tyco Electronics
|
PHFR2502 PHFR2504 PHFR2506 |
25.0 Amp HITACHI TYPE AUTO PRESSFIT High surge current capability
|
First Components International
|
C1206C105K5RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C1210X475K5RACAUTO-17 |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, FT-CAP, Automotive Grade
|
Kemet Corporation
|
FSW-0511 |
Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
C1206C225K8RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 2.2 uF, 10%, 10 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C1210X475M5RACAUTO-17 |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 4.7 uF, 20%, 50 V, 1210, X7R, SMD, MLCC, FT-CAP, Automotive Grade
|
Kemet Corporation
|
|