PART |
Description |
Maker |
LT1793 LT1793ACN8 LT1793ACS8 LT1793AIN8 LT1793AIS8 |
From old datasheet system Low Noise, Picoampere Bias Current, JFET Input Op Amp Low Noise/ Picoampere Bias Current/ JFET Input Op Amp
|
LINER[Linear Technology]
|
ADA4610-2 |
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
|
Analog Devices
|
AD851007 AD8513AR AD8513AR-REEL AD8513AR-REEL7 AD8 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
|
http:// Analog Devices
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
OP43RP |
Low Bias Current / Fast JFET Operational Amplifier
|
Space Electronics
|
LT1122D LT1122C LT1122B LT1122A LT1122 LT1122CCN8P |
High Speed and Precision Performance, JFET Input Operational Amplifier(?锋?楂????簿瀵???界?缁???烘?搴??杈??杩???惧ぇ?ī Fast Settling, JFET Input Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDIP8 High Speed and Precision Performance, JFET Input Operational Amplifier(具有高速和精密性能的结型场效应管输入运算放大器) From old datasheet system Fast Setting, JFET input Operational Amplifier
|
Linear Technology, Corp. Linear Technology Corporation
|
MAX15030 MAX15030ATB MAX15029ATB |
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
|
Maxim Integrated Products
|
MAX15027ATBT MAX15028ATBT |
1.425V to 3.6V Input, 1A Low-Dropout Regulators with BIAS Input
|
Maxim Integrated Products
|
MC33282-D |
Low Input Offset, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
|
ON Semiconductor
|
CA3240 CA3240A CA3240AE CA3240AE1 CA3240E |
Op Amp, BiMOS, Dual, MOSFET Inputs, Bipolar Outputs, Low Bias, 4.5MHz Op Amp, BiMOS, Dual, MOSFET Inputs, Bipolar Outputs, 4.5MHz Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
|
INTERSIL[Intersil Corporation]
|
ISL28258FBZ ISL28258FBZ-T7 ISL28258FUZ ISL28258FUZ |
34μA Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 34楼矛A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 34レA Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|