PART |
Description |
Maker |
D2QW-C003H D2QW-C073H |
Sealed Ultra Subminiature Basic Switch
|
Omron Electronics LLC
|
SW-106PIN SW-276PIN SW-106SW-276 |
High Power GaAs SPDT Switch DC - 3 GHz SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 3 A, Pin Plunger Actuator, Solder Termination High Power GaAs SPDT Switch DC3 GHz Schottky Barrier Diodes
|
Tyco Electronics
|
045501.6 0455.500 |
Snap Action Basic Switch; Contact Current Max:500mA; Circuitry:SPDT; Switch Terminals:Screw; Actuator Style:Hinge Lever; Current Rating:15A; Mounting Type:Screw Terminal; Operating Force Max:70gf; Operating Position:19 mm RoHS Compliant: Yes Surface Mount Fuses - Subminiature Surface Mount 表面贴装保险超小型表面贴
|
Littelfuse, Inc.
|
ESCJ-2-5TR ESCJ-2-5 |
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination E系列280功分5 - 200兆赫 E-Series 2-Way 180 Power Divider 5 - 200 MHz E系列280功分5 - 200兆赫
|
TE Connectivity, Ltd. MACOM[Tyco Electronics]
|
CK-A0100 |
SWITCH-BASIC
|
Honeywell Solid State Electronics Center
|
CK-A1901 |
SWITCH-BASIC
|
Honeywell Solid State Electronics Center
|
V7-1C13D8-201 CW-B1370 |
SWITCH-BASIC
|
Honeywell Solid State Elect... Honeywell Solid State E...
|
4SX36-T |
SWITCH BASIC
|
Honeywell Accelerometer...
|
CQ-B1100 |
SWITCH-BASIC
|
Honeywell Solid State Electronics Center
|