PART |
Description |
Maker |
QU80C186EC25 ES80C188EC20 INTELCORP-KU80C188EC20 E |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 80C186EC/80C188EC AND 80L186EC/80L188EC 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
Intel Corporation
|
R80186 A80186-10 IR80186 |
High Integration 16-Bit Microprocessor iAPX86 Family High Integration 16-Bit Microprocessor iAPX86 Family 高集成的16位微处理器iAPX86家庭 High Integration 16 Bit Microprocessors
|
Advanced Micro Devices, Inc. AMD
|
80C188 N80C188 S80C188 S80C186 IN80C186-16 IN80C18 |
CMOS High-Integration 16-Bit Microprocessors 16-BIT, 20 MHz, MICROPROCESSOR, PQCC68
|
Advanced Micro Devices, Inc.
|
80186 80188 |
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
|
Intel
|
80C188XL 80C186XL |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
Intel
|
MG80C186XL |
16-Bit High Integration Embedded Processor
|
Intel
|
S80L188EB13 S80L188EB16 S80L188EB8 |
16-bit high-integration embedded processor. 13 MHz, 3 V 16-bit high-integration embedded processor. 16 MHz, 3 V 16-bit high-integration embedded processor. 8 MHz, 3 V
|
Intel
|
M80C186EB-16 M80C186EB-13 |
16-Bit High-Integration Embedded Processor(16位高集成嵌入式处理器) 16位高性能嵌入式处理器集成16位高集成嵌入式处理器
|
Intel Corp. Intel, Corp.
|
SB80C186 SB80C186-12 S80C188 IS80C186 IS80C186-12 |
CMOS High-Integration 16-Bit Microprocessors CMOSHigh-Integration16-BitMicroprocessors
|
AMD[Advanced Micro Devices]
AMD
|
MB89395 |
CMOS High Integration Peripheral LSI
|
Fujitsu
|
10-F107ZAA060SM-L515B19 |
High integration level of Rectifier, PFC and Inverter
|
Vincotech
|
10-FY07ZAA050SM-L514B28 |
High integration level of Rectifier, PFC and Inverter
|
Vincotech
|