PART |
Description |
Maker |
M37120M6-XXXFP |
ROM: 12228 bytes, RAM: 256 bytes, single-chip 8 bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
ST72T101G1B3 ST72T101G1B6 ST72T101G1M3 ST72T101G1M |
From old datasheet system 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM,256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
|
STMICROELECTRONICS[STMicroelectronics]
|
M58478P M58478 M37450M2-XXXFP M37450M2-XXXSP M3745 |
17-STATE OSCILLATOR / DIVIDER 17-Stage Oscillator / Drvider ROM: 4096 bytes; RAM: 128 bytes; single chip 8-bit CMOS microcomputer. For PPCs, facsimiles, page printers, HDD, optical disk, iverter, industrial motor controller ROM: 8192 bytes; RAM: 256 bytes; single chip 8-bit CMOS microcomputer. For PPCs, facsimiles, page printers, HDD, optical disk, iverter, industrial motor controller ROM: 16384 bytes; RAM: 384 bytes; single chip 8-bit CMOS microcomputer. For PPCs, facsimiles, page printers, HDD, optical disk, iverter, industrial motor controller
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MC68HLC705KJ1C MC68HLC705KJ1CDW MC68HLC705KJ1CS MC |
HCMOS microcontroller unit, 64 bytes RAM, 1240 bytes ROM, 4 MHz
|
Motorola
|
M30217MA-XXXXFP M30218FCFP |
Single chip 16-bit CMOS microcomputer. RAM size 12K bytes, ROM size 128K bytes
|
Mitsubishi Electric Corporation
|
GMS81C2012LQ GMS81C2012Q |
CMOS single-chip 8-bit microcontroller with A/D converter & VED driver. ROM size 12K bytes. RAM size 448 bytes. Mask version.
|
HYUNDAI Micro Electronics
|
AN980 ST72251G2 ST72251G2M6 |
ST7 - KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE STORAGE, SHELVES CABINET RoHS Compliant: Yes 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI, I2C AND 2 TIMERS 8位微控制器有4K的光双层/存储器,256字节RAM,ADC的,水分散粒剂,SPI,I2C定时
|
SGS Thomson Microelectronics 意法半导 STMicroelectronics N.V.
|
GMS97L1051 GMS97L1051-D GMS97C1051 GMS97C1051-24 G |
ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 12 MHz, 8-bit microcontroller ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 24 MHz, 8-bit microcontroller 8-Bit CMOS Microcontorller
|
Hynix Semiconductor N.A.
|
Z86L8608PSC Z86L8608SSC |
IR/Low-voltage microcontroller. 8.0 MHz, 32 (KB) ROM, 237 (bytes) RAM, I/O 23, 2.0 V to 3.9 V
|
Zilog
|
ST9027 |
(ST9028) 16K ROM / 256 RAM HCMOS MCUs
|
ST Microelectronics
|