PART |
Description |
Maker |
CL525 CL525K4-G |
Linear Regulator ICs
|
Microchip
|
SI-3033ZD SI-3000ZD SI-3011ZD |
Surface-Mount, Low Dropout Voltage Linear Regulator ICs Surface-Mount Low Dropout Voltage Linear Regulator ICs
|
Allegro MicroSystems Sanken electric
|
M51995AP M51995 M51995AFP |
Standard IC>General-Purpose Linear>ICs for AC/DC Converter SWITCHING REGULATOR CONTROL
|
RENESAS[Renesas Electronics Corporation]
|
SI-3025KS |
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
|
Allegro MicroSystems Sanken electric
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
SI-3000LLSL |
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
|
Sanken electric
|
SI-3018LSA SI-3033LSA SI-3050LSA SI-3000LSA SI-302 |
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
|
Sanken electric
|
CS8120YD14 CS8120YDPR5 CS8120YTHA5 CS8120YTVA5 CS8 |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO14 5.0 V, 300 MA LINEAR REGULATOR WITH RESET AND ENABLE 5V, 300mA Linear Regulator with RESETbar and ENABLEbar
|
ONSEMI[ON Semiconductor]
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IRU1010-25CD IRU1010-25CP IRU1010-25CS IRU1010-25C |
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 1A低压差型正,固定2.5V的稳压器 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRU1010-33CD IRU1010-33CP IRU1010-33CS IRU1010-33C |
1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|