PART |
Description |
Maker |
IRG4PH40KD |
1200V UltraFast 4-20 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V Vce(on)typ.=2.47V @Vge=15V Ic=15A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.47V, @Vge=15V, Ic=15A)
|
IRF[International Rectifier]
|
IRG4PH30 IRG4PH30K |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 3.10V,@和VGE \u003d 15V的,集成电路\u003d 10A条) 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp.
|
IRGPH40F IRGPH40 |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=17A)
|
IRF[International Rectifier]
|
IRGPH50S |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, @Vge=15V, Ic=33A)
|
http:// IRF[International Rectifier]
|
IRGP20B120U-E |
1200V UltraFast 5-40 kHz Single IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRGPH30MD2 |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=1200V, @Vge=15V, Ic=9.0A) INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=1200V @Vge=15V Ic=9.0A)
|
IRF[International Rectifier]
|
1942 IRGKIN050M12 |
1200V Ls Chop S IGBT in a INT-A-Pak package INSULATED GATE BIPOLAR TRANSISTOR From old datasheet system
|
International Rectifier
|
IR2235JPBF IR2135JTRPBF IR2133PBF IR2133JSPBF IR22 |
0.5 A 3 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC32 3-PHASE BRIDGE DRIVER Floating channel designed for bootstrap operation Fully operational to 600V or 1200V Tolerant to negative transient voltage dV/dt immune
|
International Rectifier
|
M81019FP |
1200V HIGH VOLTAGE HALF BRIDGE DRIVER
|
Mitsubishi Electric Semiconductor
|
TC4458EJD TC4457COE TC4488COE TC4489EJD TC4488EPD |
1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, CDIP14 1.2 A 4 CHANNEL, NAND GATE BASED MOSFET DRIVER, PDSO16 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDIP14
|
|