PART |
Description |
Maker |
1344194 |
Tinned copper conductor, PVC insulation.
|
List of Unclassifed Man...
|
99180031000 9918002100 9918006100 99180061000 9918 |
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1346317 |
Tinned copper conductor, PVC insulation. Covers insulated wire for internal wiring of meters, panels,
|
List of Unclassifed Man...
|
1344186 |
Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
|
List of Unclassifed Man...
|
C8102 |
Tinned Copper conductor, FEP Insulation, conductors cabled and Plenum-PVC Jacketed Plenum Cable
|
General Cable Technologies Corporation
|
8461060500 8461060U1000 84610605000 8461060U500 84 |
18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
|
List of Unclassifed Man...
|
PSD913F1-B-90J PSD913F1-B-90M PSD913G1-B-90J PSD91 |
Flash In-System Programmable ISP Peripherals For 8-bit MCUs Shielded Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 Flash In-System Programmable ISP Peripherals For 8-bit MCUs Flash在系统可编程ISP的外设的8位微控制 CAP 22UF 15V 10% TANT SOLID MOLDED SMD-7343-31 T&R B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 CAP 1UF 35V 10% TANT SOLID MOLDED SMD-3528-21 BULK C-MIL-PRF-55365 CAP 22UF 15V 10% TANT SOLID SMD-7343-31 BULK B-MIL-PRF-55365/08 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP 0.1UF 50V 10% TANT SOLID MOLDED AXIAL A-CASE BULK MIL-PRF-49137/5 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes CAP 4.7UF 20V 10% TANT SOLID MOLDED AXIAL B-CASE BULK MIL-PRF-49137/5 CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:22; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes
|
http:// STMicroelectronics N.V. 意法半导
|
1032E-70LJ 1032E-70LJI 1032E-70LT 1032E-70LTI PLSI |
High-Density Programmable Logic 高密度可编程逻辑 CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes 高密度可编程逻辑 Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 2#24 TFE BRD PFA RoHS Compliant: No CABLE, 8163, 3PAIR, PER M; Cores, No. of:6; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:9.12mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6317 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes COUPLING Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:3; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:25; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes CABLE, 8162, 2PAIR, PER M; Cores, No. of:4; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:8.71mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Alpha type number:6316 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:2; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:100ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
M37210M4-562SP M37211M2-011SP M37211M2-534SP M3721 |
RESIS,4.7K,5%,1-8W,SMT1206 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RES 4.7K-OHM 5% 0.125W 200PPM THK-FILM SMD-1206 BULK DIODE SWITCHING SINGLE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER 单芯位CMOS微机电压合成与屏幕显示控制器
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
1344180 |
Tinned copper, PVC insulation, medium wall
|
List of Unclassifed Man...
|
3084A0021000 3084AT5U1000 |
22 and 24 AWG stranded tinned copper conductors, PVC insulation
|
List of Unclassifed Man...
|
PE-SR405TN-STRAIGHT |
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|