PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
SM6004 SM6006 |
16-Bit Single-Chip Microcomputers Low Voltage High Speed 16-Bit Single Chip Microcomputer
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components]
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
UPD70325 UPD70325GJ-10-5BG UPD70325GJ-8-5BG UPD703 |
16/8 bit single-chip microcomputer V25 TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC]
|
OM5234 OM5284 OM5284EA01 OM5284EA02 OM5284EA03 OM5 |
CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|