PART |
Description |
Maker |
RFD14N05LSM RFP14N05L RFD14N05L |
MULTI DVI DAISY CHAINABLE RECEIVER - CATX 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA TV TO VGA/HDTV VIDEO SCALER 14 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A 50V 0.100 Ohm Logic Level N-Channel Power MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQI7N10L FQB7N10L FQI7N10LTU FQB7N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET 7.3 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BSP372 Q67000-S300 BSP372E-6327 BSP372E6327 |
1.7 A, 100 V, 0.31 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated SIPMOS小信号晶体管(N通道增强模式逻辑层次额定雪崩 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FQT7N10LTFNL |
100V N-Channel Logic Level QFET 1.7 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
RFP14N06L RFD14N06 RFD14N06L RFD14N06LSM |
From old datasheet system 14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs 14A/ 60V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
BUK9Y65-100E |
N-channel 100 V, 65 mΩ logic level MOSFET in LFPAK56
|
NXP Semiconductors
|
NTD6415ANL NTD6415ANLT4G |
N-Channel Power MOSFET 100 V, 23 A, 56 m惟, Logic Level
|
ON Semiconductor
|
BUK9K134-100E |
Dual N-channel 100 V, 159 mΩ logic level MOSFET
|
NXP Semiconductors
|
PSMN003-25W_3 PSMN003-25W PSMN003-25W127 |
N-channel logic level TrenchMOS(tm) transistor From old datasheet system 100 A, 25 V, 0.004 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 PLASTIC, TO-247, 3 PIN
|
Philips NXP Semiconductors N.V.
|
FQD13N10LTF |
100V N-Channel Logic Level QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 10 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
|