PART |
Description |
Maker |
SP4740 SP4740NADP SP4740NAMP |
1・3GHz 4256 PRESCALER WITH LOW CURRENT AND LOW RADIATION 4000/14000/40000 SERIES, PRESCALER, PDIP8 13GHz 4256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
|
Integrated Device Technology, Inc. ZARLINK[Zarlink Semiconductor Inc]
|
OLS-216Y-X-T OLS-216D-X-T OLS-216G-X-T OLS-216R OL |
Series 216 - side view - low current low cost
|
OSA Opto Light GmbH http://
|
OLS-336D-X-TD OLS-336D-X-TU OLS-336G-X-TD OLS-336G |
Series 336 - with Lens - low current low cost
|
OSA Opto Light GmbH http://
|
OLS-176R-C-T OLS-176R-CD-T OLS-176R-X-T OLS-176R-X |
Series 176 - 0805 low current low cost
|
OSA Opto Light GmbH http://
|
EL5193ACS EL5193ACS-T13 EL5193ACS-T7 EL5193ACW-T7 |
Op Amp, 300MHz, Current Feedback Amplifier, Low Power Op Amp, 300MHz, Current Feedback Amplifier, with Enable, Low Power Single 300MHz Current Feedback Amplifier with Enable Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:55; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No
|
INTERSIL[Intersil Corporation]
|
EDZ6.2B EDZ4.7B EDZ4.3B EDZ3.9B EDZ3.6B EDZ6.8B ED |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 LED 5MM 563NM HI GRN WATER CLEAR Metal Strip Resistor; Series:WSL; Resistance:0.14ohm; Resistance Tolerance: /- 1 %; Power Rating:0.5W; Temperature Coefficient: /-75 ppm; Package/Case:2010; Terminal Type:PCB Surface Mount; Leaded Process Compatible:Yes
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
DDZ9715 DDZ9702 DDZ9685 DDZ9705 DDZ9686 DDZ9700 DD |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode INSUL ENCLOSURE, SURFACE MOUNT; IP rating:IP65; Series:PKZ RoHS Compliant: NA SURFACE MOUNT PRECISION ZENER DIODE Zener Diodes
|
Diodes Inc. DIODES[Diodes Incorporated]
|
OLS-216SR-X-T OLS-216UR OLS-216UR-X-T |
Series 216 - side view - low current red 650 nm
|
OSA Opto Light GmbH
|
PS2503L-1-E3-A PS2503L-2 PS2503L-2-A PS2503L-1-E3- |
LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
|
Duracell California Eastern Labs
|
REM REM10V151MTA8X7 REM10V151MTR8X7 |
Aluminum Electrolytic Capacitors High ripple current, low impedance series with 7mm height.
|
MERITEK ELECTRONICS CORPORATION MERITEK ELECTRONICS CORPORA...
|
Q6008LTH1LED |
Q6008LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
|
Littelfuse
|