PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FAN1086M25X FAN1086M285X FAN1086M33X FAN1086M5X FA |
1.5A Adjustable/Fixed Low Dropout Linear Regulator Micropower 5V, 100mA Low Dropout Linear Regulator 1.5A Adjustable Low Dropout Voltage Regulator (LDO) ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX6329 MAX6329WL MAX6349ZP MAX6329SH MAX6329SL MA |
1.8 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit 2.5 V, 150 mA, SOT23, low-dropout linear regulator with internal microprocessor reset circuit Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6 Analog IC FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 "150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
CS8122-D CS8122YTVA5 CS8122YTHA5 CS8122/D |
2% 5V750mA Low Dropout LinearRegulator with Delayed RESETbar 2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESETbar 2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
|
ON Semiconductor
|
LT3008 LT3008EDC LT3008EDC-PBF LT3008EDC-TR LT3008 |
3μA IQ, 20mA, 45V Low Dropout Linear Regulator 3渭A IQ, 20mA, 45V Low Dropout Linear Regulator 3楼矛A IQ, 20mA, 45V Low Dropout Linear Regulator
|
Linear Technology
|
MAX1735 MAX1735EUK25-T MAX1735EUK30-T MAX1735EUK50 |
"200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23" 200mA / Negative-Output / Low-Dropout Linear Regulator in SOT23 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23 FIXED/ADJUSTABLE NEGATIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CS8321YDPR3G CS8321YDP3G CS8321YT3G |
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 Micropower 5.0 V, 150 mA Low Dropout Linear Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM3
|
ON Semiconductor
|
AZ1085T-3.3G1 AZ1085D-5.0G1 AZ1085T-5.0G1 AZ1085D- |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 GREEN, TO-220-3, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 GREEN, TO-220-3, 3 PIN 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252-2, 3 PIN 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-263-2, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263-3, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252-2, 3 PIN 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263-3, 3 PIN 3A LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-263-2, 3 PIN 3A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 3A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 3A LOW DROPOUT LINEAR REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
|