PART |
Description |
Maker |
1346351 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
1344199 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
C8102 |
Tinned Copper conductor, FEP Insulation, conductors cabled and Plenum-PVC Jacketed Plenum Cable
|
General Cable Technologies Corporation
|
11825-808 11825-818 FS6322-05 |
Paired Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Dual-Channel Audio Cable; Number of Conductors:2; Conductor Size AWG:25; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90% RoHS Compliant: Yes Three-PLL Clock Generator IC
|
AMI Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
X28C513E-12 X28C513J-15 X28C513J-90 X28C513JM-25 X |
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Jacket Color:Chrome RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 28; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061; CSA AWM; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 5 Volt, Byte Alterable E2PROM 5伏,可变E2PROM的字
|
Xicor Inc. TE Connectivity, Ltd.
|
PE-SR402TN-STRAIGHT |
RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
PE-SR405TN-STRAIGHT |
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
312035P 312030P 3182.25P 312.031P 312.062P 312.100 |
CAT6A F/UTP PATCH CABLE 1M WHITE CAT6A F/UTP PATCH CABLE 5M BLUE CAT 7 PATCH CABLE 1 PAIR 1M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 4 PAIR 3M WHITE CAT6A F/UTP PATCH CABLE 5M WHITE CAT 7 PATCH CABLE 1 PAIR 3M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:14; No. Strands x Strand Size:41 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 1 PAIR 5M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 1 PAIR 2M WHITE Hook-Up Wire; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes CAT 7 PATCH CABLE 4 PAIR 2M WHITE CAT6A F/UTP PATCH CABLE 3M WHITE CAT 7 PATCH CABLE 4 PAIR 1M WHITE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes CAT6A F/UTP PATCH CABLE 2M BLUE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Dark Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Connector assemblies, Network cables; CAP FILM OIL WOUND 20UF 370VAC COMPUTER PRODUCT 轴向引线和熔断管-玻璃 Axial Lead and Cartridge Fuses - Glass Body 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 3M WHITE 轴向引线和熔断管-玻璃 RELAY MINI 2A DPDT 48V PC MNT 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 2M BLUE 轴向引线和熔断管-玻璃 CAT6A F/UTP PATCH CABLE 1M WHITE 轴向引线和熔断管-玻璃
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
F05S05_1000Z A05D12 A05D12_150Z A48D15_150Z F05S05 |
INPUT 5W DC/DC CONVERTERS 输入5W DC / DC转换 Multiconductor Cable; Number of Conductors:7; Conductor Size AWG:14; No. Strands x Strand Size:19 x 27; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes Signal and Dual Output
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Artesyn Technologies
|
M29W641DH12ZA1E M29W641DH12ZA1F M29W641DH12ZA6E M2 |
4M X 16 FLASH 3V PROM, 70 ns, PDSO48 Low-Power Single Bus Buffer Gate with 3-State Output 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一3V电源快闪记忆 64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single 2-Input Positive-AND Gate 5-SC70 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Low-Power Single Schmitt-Trigger Buffer 5-SOT-23 -40 to 85 64兆位4Mb的x16插槽,统一V电源快闪记忆 Shielded Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:15; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes Low-Power Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes 64 Mbit 4Mb x16 / Uniform Block 3V Supply Flash Memory Low-Power Single Buffer/Driver with Open-Drain Outputs 5-DSBGA -40 to 85
|
NUMONYX STMicroelectronics N.V. 意法半导 ST Microelectronics
|